Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 6 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 2Page - STMicroelectronics STS1TX Datasheet HTML 3Page - STMicroelectronics STS1TX Datasheet HTML 4Page - STMicroelectronics STS1TX Datasheet HTML 5Page - STMicroelectronics STS1TX Datasheet HTML 6Page - STMicroelectronics STS1TX Datasheet HTML 7Page - STMicroelectronics STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics STS1TX Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
Description
STS1TX
6/70
DocID025109 Rev 1
1
Description
The STS1TX is a very low-power RF transmitter intended for RF wireless applications in the
sub-1 GHz band. It is designed to operate both in the license-free ISM and SRD frequency
bands at 169, 315, 433, 868, and 915 MHz, but can also be programmed to operate at other
frequencies in the 300-348, 387-470, and 779-956 MHz bands. The air data rate is
programmable from 1 to 500 kbps, and the STS1TX can be used in systems with channel
spacing of 12.5/25 kHz, complying with the EN 300 220 standard. It uses very few discrete
external components and integrates a configurable baseband modem, which supports data
management and modulation. The data management handles the data in the proprietary
fully-programmable packet format, and also allows the M-Bus standard compliance format
(all performance classes).
An AES 128-bit encryption co-processor is available for secure data transfer. The STS1TX
supports different modulation schemes: 2-FSK, GFSK, OOK, ASK, and MSK. Transmitted
data bytes are buffered in FIFO (TX FIFO), accessible via the SPI interface for host
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com