Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 35 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 31Page - STMicroelectronics STS1TX Datasheet HTML 32Page - STMicroelectronics STS1TX Datasheet HTML 33Page - STMicroelectronics STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
DocID025109 Rev 1
35/70
STS1TX
Transmission and reception
The power ramping is enabled by the PA_RAMP_ENABLE bit. If enabled, the ramp starts
from the level defined by the word PA_LEVEL_0 and stops at the level defined by the word
PA_LEVEL_x, where x is the value of the 3-bit field PA_LEVEL_MAX_INDEX. So, a
maximum of 8 steps can be set up. Figure 7 describes the levels table and shows some
examples.
Each step is held for a time interval defined by the 2-bit field PA_RAMP_STEP_WIDTH. The
step width is expressed in terms of bit period units (Tb/8), maximum value is 3 (which means
4×Tb/8=Tb/2). Therefore the PA ramp may last up to 4 Tb (about 3.3 ms if the bit rate is 1.2
kbit/s).
Table 26. PA_level
PA_LEVEL_x
Comment
POUT [dBm]
(170MHz)
0
No output power: output stage in high impedance
mode and all circuits switched off.
-
1
Maximum output power
11
30
0
42
-6
90
Minimum level
-34
91-127
Reserved
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com