Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 28 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics STS1TX Datasheet HTML 28Page - STMicroelectronics STS1TX Datasheet HTML 29Page - STMicroelectronics STS1TX Datasheet HTML 30Page - STMicroelectronics STS1TX Datasheet HTML 31Page - STMicroelectronics STS1TX Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
Block description
STS1TX
28/70
DocID025109 Rev 1
Both blocks can be optionally activated to provide the MCU with an early warning of
impending power failure. It does not reset the system, but gives the MCU time to prepare for
an orderly power-down and provides hardware protection of data stored in the program
memory, by preventing write instructions being executed.
The low battery indicator function is available in any of the STS1TX operating modes. As
this function requires the internal bias circuit operation, the overall current consumption in
STANDBY, SLEEP, and READY modes is increased by 400 µA.
8.4
Voltage reference
This block provides the precise reference voltage needed by the internal circuit.
8.5
Oscillator and RF synthesizer
A crystal connected to XIN and XOUT is used to provide a clock signal to the frequency
synthesizer. The allowed clock signal frequency is either 24, 26, 48, or 52 MHz. As an
alternative, an external clock signal can be used to feed XIN for proper operation. In this
option, XOUT can be left either floating or tied to ground.
Since the digital macro cannot be clocked at that double frequency (48 MHz or 52 MHz), a
divided clock is used in this case.
The digital clock divider is enabled by default and must be kept enabled if the crystal is in
the (48 - 52) MHz range; if the crystal is in the (24 - 26) MHz range, then the divider must be
disabled before starting any TX operation. The safest procedure to disable the divider
without any risk of glitches in the digital clock is to switch into STANDBY mode, thereby
resetting the bit-field PD_CLKDIV in the XO_RCO_TEST register, and then return to the
READY state. Also, the synthesizer reference signal can be divided by 2, setting the bit-field
REFDIV in the SYNTH_CONFIG register.
The integrated phase locked loop (PLL) is capable of synthesizing a wide band of
frequencies, in particular the bands from 150 to 174 MHz, from 300 to 348 MHz, from 387 to
470 MHz, or from 779 to 956 MHz, the input signal for the PA in the TX chain.
Frequency tolerance and startup times depend on the crystal used, although some tuning of
the latter parameter is possible through the GM_CONF field of the ANA_FUNC_CONF
registers.
Table 23. Programmability of trans-conductance at startup
GM_CONF[2:0]
Gm at startup [mS]
000
13.2
001
18.2
010
21.5
011
25.6
100
28.8
101
33.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com