Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 52 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 52 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 48Page - STMicroelectronics STS1TX Datasheet HTML 49Page - STMicroelectronics STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics STS1TX Datasheet HTML 54Page - STMicroelectronics STS1TX Datasheet HTML 55Page - STMicroelectronics STS1TX Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
MCU interface
STS1TX
52/70
DocID025109 Rev 1
All interrupts are reported on a set of interrupt status registers and are individually
maskable. The interrupt status register must be cleared upon a read event from the MCU.
The status of all the interrupts is reported on the IRQ_STATUS[3:0] registers: bits are high
for the events that have generated any interrupts. The interrupts are individually maskable
using the IRQ_MASK[3:0] registers: if the mask bit related to a particular event is
programmed at 0, that event does not generate any interrupt request.
Digital inputs can be selected from the following (see GPIOx_CONF register):
11
Not used
12
Not used
13
Not used
14
Not used
15
Not used
16
Not used
17
Not used
18
TX mode indicator (to enable an external range extender)
19
VDD (to emulate an additional GPIO of the MCU, programmable by SPI)
20
GND (to emulate an additional GPIO of the MCU, programmable by SPI)
21
External SMPS enable signal (active high)
22
Device in SLEEP or STANDBY states
23
Device in READY state
24
Device in LOCK state
25
Device waiting for a high level of the lock-detector output signal
26
Device waiting for timer expiration before starting to sample the lock-detector output
signal
27
Device waiting for a high level of the READY2 signal from XO
28
Device waiting for timer expiration to allow PM block settling
29
Device waiting for end of VCO calibration
30
Device enables the full circuitry of the SYNTH block
31
Device waiting for a high level of the RCCAL_OK signal from the RCO calibrator
Table 31. Digital inputs
I/O selection
Input signal
0
1 >> TX command
1
Not used
2
TX data input for direct modulation
Table 30. Digital outputs (continued)
I/O selection
Output signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com