Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 7 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 3Page - STMicroelectronics STS1TX Datasheet HTML 4Page - STMicroelectronics STS1TX Datasheet HTML 5Page - STMicroelectronics STS1TX Datasheet HTML 6Page - STMicroelectronics STS1TX Datasheet HTML 7Page - STMicroelectronics STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics STS1TX Datasheet HTML 10Page - STMicroelectronics STS1TX Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
DocID025109 Rev 1
7/70
STS1TX
Introduction
2
Introduction
A simplified block diagram of the STS1TX is shown in Figure 1.
Figure 1. STS1TX block diagram
The transmitter part of the STS1TX is based on direct synthesis of the RF frequency. The
power amplifier (PA) input is the LO generated by the RF synthesizer, while the output level
can be configured between -30 dBm and +11 dBm in 0.5 dB steps. The data to be
transmitted can be provided by an external MCU either through the 96-byte TX FIFO
writable via SPI, or directly using a programmable GPIO pin. The STS1TX supports
frequency hopping, extending the link range and improving performance.
The STS1TX has a very efficient power management (PM) system.
An integrated switched mode power supply (SMPS) regulator allows operation from a
battery voltage ranging from +1.8 V to +3.6 V, and with power conversion efficiency of at
least 80%.
A crystal must be connected between XIN and XOUT. It is digitally configurable to operate
with different crystals. As an alternative, an external clock signal can be used to feed XIN for
proper operation. The STS1TX also has an integrated low-power RC oscillator, generating
the 34.7 kHz signal used as a clock for the slowest timeouts (i.e. sleeping and backoff).
A standard 4-pin SPI bus is used to communicate with the external MCU. Four configurable
general purpose I/Os are available.
PA
FREQ
SYNTH
REGISTERS MAP
RADIO CONTROL
RCO
ΔΔΔΔΣΣΣΣ
Low Power
Digital LDO
TEMP SENS
TX
SDO
SDI
SCLK
CSn
GPIO_3
GPIO_2
GPIO_1
GPIO_0
VR DIG
SDN
GND PA
POR
AES
LDO
1V5
CENTRAL
BIAS
BOR
(raw)
BOR
(acc)
BLD
XO
RM
SMPS
DIG
I/O
1/2
GAMS080520131020FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com