Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 23 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 19Page - STMicroelectronics STS1TX Datasheet HTML 20Page - STMicroelectronics STS1TX Datasheet HTML 21Page - STMicroelectronics STS1TX Datasheet HTML 22Page - STMicroelectronics STS1TX Datasheet HTML 23Page - STMicroelectronics STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
DocID025109 Rev 1
23/70
STS1TX
Operating modes
those states, at most for any time-out timer duration. Also the READY and LOCK states
behave as transients when they are not directly accessed with the specific commands (for
example, when LOCK is temporarily used before reaching the TX state).
Note:
Response time SHUTDOWN to READY is ~650 µs.
READY state is the default state after the power-on reset event. In the steady condition, the
XO is settled and usable as the time reference for RCO calibration, for frequency synthesis,
and as the system clock for the digital circuits.
The TX mode can be activated directly by the MCU using the TX command, or automatically
if the state machine wakes up from SLEEP mode and some previous TX is pending. The
values are intend to a VCO manual calibration.
In LOCK state the synthesizer is in a locking condition(a). If LOCK state is reached using
specific command LOCKTX, the state machine remains in LOCK state and waits for the
next command. This feature can be used by the MCU to perform preliminary calibrations, as
the MCU can read the calibration word in the RCO_VCO_CALIBR_OUT register and store it
in a non-volatile memory, and after that it requires a further tuning cycle.
When TX is activated by the TX command, the state machine goes into TX state and
remains there until the current packet is fully transmitted or, in the case of direct mode TX,
TXFIFO underflow condition is reached or the SABORT command is applied.
Table 18. States
STATE[6:0](1)
State/mode
Digital LDO
SPI
Xtal
RF
Synth.
Wakeup
timer
Response time
to(2)
TX
-
SHUTDOWN
OFF (register
contents lost)
Off
Off
Off
Off
NA
0x40
STANDBY
ON (FIFO and
register
contents
retained)
On
Off
Off
Off
125 µs
0x36
SLEEP
On
Off
Off
On
125 µs
0x03
READY
(Default)
On
On
Off
Don’t care
50 µs
0x0F
LOCK
On
On
On
Don’t care
NA
0x5f
TX
On
On
On
Don’t care
NA
1. All others values of STATE[6:0] are invalid and are an indication of an error condition due to bad registers
configuration and/or hardware issue in the application board hosting STS1TX.
2. These values are crystal dependent. The values are referred to 52 MHz.
a. LOCK state is reached when one of the following events occurs first: lock detector assertion or locking timeout
expiration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com