Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 14 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 10Page - STMicroelectronics STS1TX Datasheet HTML 11Page - STMicroelectronics STS1TX Datasheet HTML 12Page - STMicroelectronics STS1TX Datasheet HTML 13Page - STMicroelectronics STS1TX Datasheet HTML 14Page - STMicroelectronics STS1TX Datasheet HTML 15Page - STMicroelectronics STS1TX Datasheet HTML 16Page - STMicroelectronics STS1TX Datasheet HTML 17Page - STMicroelectronics STS1TX Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
Characteristics
STS1TX
14/70
DocID025109 Rev 1
6.2.2
Digital SPI
Table 10. Power consumption
Symbol
Parameter
Test conditions
SMPS ON SMPS OFF
Unit
IBAT
Supply current
TX (1)(2) +16 dBm 169 MHz
1. See table Table 18.
2. TX boost mode configuration VBAT = 3.6 V.
54
mA
TX (1)(2) +16 dBm 315 MHz
52
TX (1)(2) +16 dBm 433 MHz
49.3
TX (1)(2) +15.5 dBm 868 MHz
44
TX (1)(2) +16 dBm 920 MHz
45.2
TX (1) +11 dBm 169 MHz
18
33
TX (1) +11 dBm 315 MHz
22
37
TX (1) +11 dBm 433 MHz
19.5
33
TX (1) +11 dBm 868 MHz
21
41
TX (1) +11 dBm 920 MHz
20
39
TX (1) -8 dBm 169 MHz
6
TX (1) -8 dBm 315 MHz
6.5
TX (1) -7 dBm 433 MHz
7
TX (1) -7 dBm 868 MHz
7
Table 11. Digital SPI input and output (SDO, SDI, SCLK, CSn, and SDN) and GPIO
specification (GPIO_1-4)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
fclk
Clock frequency
10
MHz
CIN
Port I/O capacitance
1.4
pF
TRISE
Rise time
0.1*VDD to 0.9*VDD,
CL=20 pF (low output
current programming)
6.0
ns
0.1*VDD to 0.9*VDD,
CL=20 pF (high output
current programming)
2.5
TFALL
Fall time
0.1*VDD to 0.9*VDD,
CL=20 pF (low output
current programming)
7.0
ns
0.1*VDD to 0.9*VDD,
CL=20 pF (high output
current programming)
2.5
VIH
Logic high level input
voltage
VDD/2
+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com