Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 37 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 33Page - STMicroelectronics STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
DocID025109 Rev 1
37/70
STS1TX
Transmission and reception
9.2
RF channel frequency settings
RF channels can be defined using the CHSPACE and CHNUM registers.
The channel center frequency can be programmed as:
Equation 2
This allows the setting of up to 256 channels with a programmable raster. The raster
granularity is about 793 Hz at 26 MHz and becomes about 1587 Hz at 52 MHz.
The actual channel spacing is from 793 Hz to 202342 Hz in 793 Hz steps for the 26 MHz
configuration and from 1587 to 404685 Hz in 1587 Hz steps for the 52 MHz configuration.
The base carrier frequency, i.e. the carrier frequency of channel #0, is controlled by the
SYNT0, SYNT1, SYNT2, and SYNT3 registers according to the following formula:
Equation 3
where:
fXO is the frequency of the XTAL oscillator (typically 24 MHz, 26 MHz, 48 MHz, or 52
MHz)
SYNT is a programmable 26-bit integer.
Equation 4
Equation 5
The offset frequency is a correction term which can be set to compensate the crystal
inaccuracy after e.g. lab calibration.
Equation 6
CHNUM
CHSPACE
2
f
f
f
f
15
XO
offset
base
c
+
+
=
18
XO
base
2
SYNT
2
D)
*
(B
f
=
f
=
=
=
=
=
2
3r
o
fe
h
t
w
o
ld
n
a
b(
9
6
1z
H
M, S
B5)
6
1r
o
f
e
h
t
w
o
l
d
n
a
b
z
H
M
0
0
3
(
o
t
,
z
H
M
8
4
3
S
B
)
4
2
1r
o
f
e
h
t
e
l
d
d
i
m
d
n
a
b
z
H
M
7
8
3
(
o
t
,
z
H
M
0
7
4
S
B
)
3
6r
o
f
e
h
t
h
g
i
h
d
n
a
b
m
o
r
f
(
z
H
M
9
7
7
o
t
,
z
H
M
6
5
9
S
B
)
1
B
very
{{
D
1 if REFDIV 0 (internal reference divider is disabled)
2 if REFDIV 1 (internal reference divider is enabled)
=
OFFSET
_
FC
2
f
f
18
XO
offset
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com