Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 40 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 36Page - STMicroelectronics STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics STS1TX Datasheet HTML 42Page - STMicroelectronics STS1TX Datasheet HTML 43Page - STMicroelectronics STS1TX Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
Transmission and reception
STS1TX
40/70
DocID025109 Rev 1
OOK and ASK
If MOD_TYPE = 2 and power ramping is enabled, then ASK is used; otherwise, if
MOD_TYPE = 2 and power ramping is disabled, then OOK is used.
When OOK is selected, a bit '1' is transmitted with the power specified by
PA_POWER[PA_LEVEL_MAX_INDEX], a bit '0' is transmitted with the power specified by
PA_POWER[0](normally set to PA off).
When ASK is selected, a bit '1' is transmitted with a power ramp increasing from
PA_POWER[0] to PA_POWER[PA_LEVEL_MAX_INDEX], a bit '0' is transmitted with a
power ramp decreasing from PA_POWER[PA_LEVEL_MAX_INDEX] to PA_POWER[0].
The duration of each power step is 1/8 of the symbol time.
If more '1's are transmitted consecutively, the PA power remains at
PA_POWER[PA_LEVEL_MAX_INDEX] for all '1's following the first one; If more '0's are
transmitted consecutively, the PA power remains at PA_POWER[0] for all '0's following the
first one.
CW mode
For test and measurement purposes the device can be programmed to generate a
continuous wave carrier without any modulation by setting the CW field of the MOD0
register. In transmission, a TXSOURCE like PN9 should be configured to keep the
transmitter in TX state for an undefined period of time.
9.3.1
Data rate
The data rate is controlled by the MOD0 and MOD1 registers according to the following
formula:
Equation 8
where:
•
DATARATE_M is an 8-bit integer ranging from 0 to 255
•
DATARATE_E is a 4-bit integer ranging from 0 to 15
•
fclk is the digital clock frequency (typically 26 MHz).
The minimum data rate at fclk = 26 MHz is about 25 Hz; the maximum data rate is about 1.6
MHz. Be advised that performance for such values is not guaranteed.
9.4
Data coding and integrity check process
9.4.1
FEC
The device provides hardware support for error correction and detection.
Error correction can be either enabled or disabled according to link reliability and power
consumption needs. Convolutional coding with a rate=½ and k=4 is applied on the payload
and CRC before transmission (poly [13,17]).
DataRate
fclk
256 DATA_RATE_M
+
() 2
DATARATE_E
⋅
2
28
-------------------------------------------------------------------------------------------------------
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com