Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 53 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 49Page - STMicroelectronics STS1TX Datasheet HTML 50Page - STMicroelectronics STS1TX Datasheet HTML 51Page - STMicroelectronics STS1TX Datasheet HTML 52Page - STMicroelectronics STS1TX Datasheet HTML 53Page - STMicroelectronics STS1TX Datasheet HTML 54Page - STMicroelectronics STS1TX Datasheet HTML 55Page - STMicroelectronics STS1TX Datasheet HTML 56Page - STMicroelectronics STS1TX Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
DocID025109 Rev 1
53/70
STS1TX
MCU interface
The only available analog output is the temperature sensor, see Section 8.8.
10.4
MCU clock
The STS1TX can directly provide the system clock to the MCU in order to avoid the need for
an additional crystal. The clock signals for the MCU can be available on the GPIO pins. The
source oscillator can be the internal RCO or the XO depending on the active state. When
XO is active, it is the source clock (the RCO is not available in this condition).
In addition, different ratios are available and programmable through the MCU_CK_CONF
configuration register, as described in Table 32.
3
Wakeup from external input (sensor output)
4
External clock @ 34.7 kHz (used for LDC modes timing)
From 5 to 31
Not used
Table 31. Digital inputs (continued)
I/O selection
Input signal
Table 32. MCU_CK_CONF configuration register
MCU_CK_CONF[4:0]
Clock source
Division ratio
XO_RATIO
RCO_RATIO
Don’t care
0
RCO
1
1
1/128
0
Don’t care
XO
1
1
2/3
2
1/2
3
1/3
4
1/4
5
1/6
6
1/8
71/12
81/16
91/24
10
1/36
11
1/48
12
1/64
13
1/96
14
1/128
15
1/192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com