Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 32 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 28Page - STMicroelectronics STS1TX Datasheet HTML 29Page - STMicroelectronics STS1TX Datasheet HTML 30Page - STMicroelectronics STS1TX Datasheet HTML 31Page - STMicroelectronics STS1TX Datasheet HTML 32Page - STMicroelectronics STS1TX Datasheet HTML 33Page - STMicroelectronics STS1TX Datasheet HTML 34Page - STMicroelectronics STS1TX Datasheet HTML 35Page - STMicroelectronics STS1TX Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 70 page
background image
Block description
STS1TX
32/70
DocID025109 Rev 1
By default, the calibration is disabled at reset to avoid using an out-of-range reference
frequency (for instance, when the XTAL is 26 MHz and the digital divider is active, in fact, by
default). After the internal clock divider is correctly configured, the user can enable the RCO
calibration in the PROTOCOL[2] register.
The user can replace the internal 34 kHz-signal source with an external one (provided
through a GPIO, Section 10.3). To enable the usage of the external signal, the user must set
the EXT_RCOSC bit in the XO_RCO_CONFIG register. However, the internal calibrator is
not automatically disabled from the EXT_RCOSC bit (the user must reset the
RCO_CALIBRATION bit in the PROTOCOL[2] register, if previously set).
8.6.1
RC oscillator calibration
RC oscillator calibration is enabled when bit RCO_CALIBRATION is set in the
PROTOCOL[2] register (by default the calibration is disabled). The calibration words found
by the calibration algorithm are accessible in the RCO_VCO_CALIBR_OUT[1:0] registers
(fields RWT_OUT[3:0] and RFB_OUT[4:0],).
When the calibration is disabled, the frequency of the RC oscillator is set by a couple of
configuration words, namely RWT_IN[3:0] and RFB_IN[4:0], in the
RCO_VCO_CALIBR_IN[2:0] registers (fields RWT_IN[3:0] and RFB_IN[4:0]). RWT_IN[3:0]
can range from 0 up to 13 (decimal value) affecting the raw value of the frequency, while the
more accurate and fine control is up to RFB_IN[4:0] (ranging from 1 up to 31).
8.7
Transmitter
The STS1TX contains an integrated PA capable of transmitting at output levels between -30
dBm to +11 dBm. The PA is single-ended and has a dedicated pin (TXOUT). The PA output
is ramped up and down to prevent unwanted spectral splatter. In TX mode the PA drives the
signal generated by the frequency synthesizer out to the antenna terminal. The output
power of the PA is programmable via SPI. Delivered power, as well as harmonic content,
depends on the external impedance seen by the PA. To obtain approval on ETSI EN 300
220, it is possible to program TX to send an unmodulated carrier.
The output stage is supplied from the SMPS through an external choke and is loaded with a
LC-type network which has the function of transforming the impedance of the antenna and
filter out the harmonics.
Table 25. RC calibrated speed
Digital domain clock
24_26MHz_SELECT
RC calibrated speed
24 MHz
0
34.7 kHz
26 MHz
1
34.7 kHz
25 MHz
0
36.1 kHz
25 MHz
1
33.3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com