Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 12 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics STS1TX Datasheet HTML 10Page - STMicroelectronics STS1TX Datasheet HTML 11Page - STMicroelectronics STS1TX Datasheet HTML 12Page - STMicroelectronics STS1TX Datasheet HTML 13Page - STMicroelectronics STS1TX Datasheet HTML 14Page - STMicroelectronics STS1TX Datasheet HTML 15Page - STMicroelectronics STS1TX Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 70 page
background image
Absolute maximum ratings and thermal data
STS1TX
12/70
DocID025109 Rev 1
5
Absolute maximum ratings and thermal data
Absolute maximum ratings are those values above which damage to the device may occur.
Functional operation under these conditions is not implied. All voltages are referred to GND.
Table 5. Absolute maximum ratings
Pin
Parameter
Value
Unit
8,14,16
Supply voltage and SMPS output
-0.3 to +3.9
V
17
DC voltage on VREG
-0.3 to +1.4
V
1,3,4,5,15,18,19,20
DC voltage on digital input pins
-0.3 to +3.9
V
2
DC voltage on digital output pins
-0.3 to +3.9
V
11
DC voltage on analog pins
-0.3 to +3.9
V
6,7
DC voltage on XTAL pins
-0.3 to +1.4
V
13
DC voltage on SMPS Ext2 pin
-0.3 to +1.8
V
12
DC voltage on TX pin
-0.3 to +3.9
V
TSTG
Storage temperature range
-40 to +125
°C
VESD-HBM
Electrostatic discharge voltage
±1.0
KV
Table 6. Thermal data
Symbol
Parameter
QFN20
Unit
Rthj-amb
Thermal resistance junction-ambient
45
°C/W
Table 7. Recommended operating conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VBAT
Operating battery supply voltage
1.8
3
3.6
V
TA
Operating ambient temperature range
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com