Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 43 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 43 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics STS1TX Datasheet HTML 42Page - STMicroelectronics STS1TX Datasheet HTML 43Page - STMicroelectronics STS1TX Datasheet HTML 44Page - STMicroelectronics STS1TX Datasheet HTML 45Page - STMicroelectronics STS1TX Datasheet HTML 46Page - STMicroelectronics STS1TX Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
DocID025109 Rev 1
43/70
STS1TX
Transmission and reception
Preamble (programmable field): the length of the preamble is programmable from 1 to 32
bytes by the PREAMBLE_LENGTH field of the PCKTCTRL2 register. Each preamble byte is
a '10101010' binary sequence.
Sync (programmable field): the length of the synchronization field is programmable (from 1
to 4 bytes) through dedicated registers. The SYNC word is programmable through registers
SYNC1, SYNC2, SYNC3, and SYNC4. If the programmed sync length is 1 then only the
SYNC1 word is transmitted; if the programmed sync length is 2 then only SYNC1 and
SYNC2 words are transmitted and so on.
Length (programmable/optional field): the packet length field is an optional field that is
defined as the cumulative length of Address (2 bytes always), Control, and Payload fields. It
is possible to support fixed and variable packet length. In fixed mode, the field length is not
used.
Destination address (programmable/optional field): is filled with the value of register
TX_DEST_ADDR.
Source address (programmable field): is filled with the value of register
TX_SOURCE_ADDR. The field ADDRESS_LEN of the PCKTCTRL4 register must be set
always to 2.
Control (programmable/optional field): is programmable from 0 to 4 bytes through the
CONTROL_LEN field of the PCKTCTRL4 register. Control fields of the packet can be set
using the TX_CTRL_FIELD[3:0] register.
Sequence number (programmable field): is a 2-bit field and contains the sequence number
of the transmitted packet. It is incremented automatically every time a new packet is
transmitted. It can be re-loaded with the value in the TX_SEQ_NUM_RELOAD[1:0] field of
the PROTOCOL[2] register, by using the SEQUENCE_UPDATE command.
NO_ACK (programmable field): It is programmed by the bit field NACK_TX of the register
PROTOCOL[0]. It is important set to 0 the bit field in the others packet formats.
Payload (programmable/optional field): the device supports both fixed and variable payload
length transmission from 0 to 65535 bytes.
On the transmitter, the payload length is always set as: PCKTLEN1 × 256 + PCKTLEN0.
In variable length mode, the width of the binary field transmitted, where the actual length of
payload is written, can be configured through the field LEN_WIDTH of the PCKTCTRL3
register according to the maximum length expected in the specific application.
Example 1
•
If the variable payload length is from 0 to 31 bytes, then LEN_WIDTH = 5
•
If the variable payload length is from 0 to 255 bytes, then LEN_WIDTH = 8
•
If the variable payload length is from 0 to 65535 bytes, then LEN_WIDTH = 16.
CRC (programmable/optional field): There are different polynomials CRC: 8 bits, 16 bits (2
polynomials are available) and 24 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com