Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 64 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 60Page - STMicroelectronics STS1TX Datasheet HTML 61Page - STMicroelectronics STS1TX Datasheet HTML 62Page - STMicroelectronics STS1TX Datasheet HTML 63Page - STMicroelectronics STS1TX Datasheet HTML 64Page - STMicroelectronics STS1TX Datasheet HTML 65Page - STMicroelectronics STS1TX Datasheet HTML 66Page - STMicroelectronics STS1TX Datasheet HTML 67Page - STMicroelectronics STS1TX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 70 page
background image
Register table
STS1TX
64/70
DocID025109 Rev 1
PM_CONFIG[1]
0xA5
7
EN_RM
0
R/W
0: divider by 4 enabled
(SMPS' switching frequency
is FSW=FOSC/4)
1: rate multiplier enabled
(SMPS' switching frequency
is FSW=KRM*FOSC/(2^15)
6:0
KRM[14:8]
0100000
Sets the divider ration of the
rate multiplier.
PM_CONFIG[0]
0xA6
7:0
KRM[7:0]
0
R/W
XO_RCO_CONFIG
0xA7
7:4
Reserved
1110
R/W
3
EXT_RCOSC
0
1:the 34.7kHz signal must be
supplied from a GPIO pin
2:0
Reserved
001
TEST_SELECT
0xA8
7:0
Reserved
0x00
R/W
PM_TEST
0xB2
7:0
Reserved
0x42
Table 37. Packet/protocol configuration registers (continued)
Register name
Address
Bit
Field Name
Reset
R/W
Description
Table 38. Frequently used registers
Register name
Address
Bit
Field Name
Reset
R/W
Description
CHNUM
0x6C
7:0
CH_NUM
0
R/W
Channel number. This value is
multiplied by the channel
spacing and added to the
synthesizer base frequency to
generate the actual RF carrier
frequency. See Equation 2
VCO_CONFIG
0xA1
7:6
Reserved
00
R/W
5:0
VCO_GEN_CURR
010001
Set the VCO current
RCO_VCO_CALIBR_IN
[2]
0x6D
7:4
RWT_IN[3:0]
0111
R/W
RWT word value for the RCO
3:0
RFB_IN[4:1]
0000
RFB word value for the RCO
RCO_VCO_CALIBR_IN
[1]
0x6E
7
RFB_IN[0]
0
R/W
6:0
VCO_CALIBR_TX[6:
0]
100100
0
Word value for the VCO to be
used in TX mode
AES_KEY_IN[15]
0x70
7:0
AES_KEY15
0
R/W
AES engine key input (128
bits)
AES_KEY_IN[14]
0x71
7:0
AES_ KEY14
0
R/W
AES engine key input (128
bits)
…7:0
…
…
…
…
AES_KEY_IN[1]
0x7E
7:0
AES_ KEY1
0
R/W
AES engine key input (128
bits)
AES_KEY_IN[0]
0x7F
7:0
AES_ KEY0
0
R/W
AES engine key input (128
bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com