Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 41 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 37Page - STMicroelectronics STS1TX Datasheet HTML 38Page - STMicroelectronics STS1TX Datasheet HTML 39Page - STMicroelectronics STS1TX Datasheet HTML 40Page - STMicroelectronics STS1TX Datasheet HTML 41Page - STMicroelectronics STS1TX Datasheet HTML 42Page - STMicroelectronics STS1TX Datasheet HTML 43Page - STMicroelectronics STS1TX Datasheet HTML 44Page - STMicroelectronics STS1TX Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
DocID025109 Rev 1
41/70
STS1TX
Transmission and reception
To further improve error correction performance, a data interleaver is used when
convolutional coding is enabled. Data interleaving/de-interleaving is performed using a 4x4-
bit matrix interleaver.
To fill the entire matrix, at least 2 bytes of data payload are required (16 cells). In the
interleaver matrix, the encoded data bits are written along the rows and the sequence to
send to the modulator is obtained by reading the matrix elements along the columns of the
matrix. Due to the size of the matrix, the overall data transmitted must be an exact integer
multiple of two, to fill the rows and columns of the matrix. If necessary, the framer is able to
add automatically extra bytes at the end of the packet, so the number of bytes is an number.
FEC and interleaving are enabled/disabled together.
To enable FEC/INTERL, the field FEC_EN of PCKTCTRL1 must be set to ‘1’. When
FEC/INTERL is enabled, the number of transmitted bits is roughly doubled, hence the on-air
packet duration in time is roughly doubled as well. The data rate specified in Section 9.3.1
always applies to the on-air transmitted data.
A termination byte is automatically appended to set the encoder to the 0-state at the end of
the packet.
9.4.2
CRC
Error detection is implemented by means of cyclic redundancy check codes.
The length of the checksum is programmable to 8, 16, or 24 bits.
The CRC can be added at the end of the packet by the field CRC_MODE of the register
PCKCTRL1.
The following standard CRC polynomials can be selected:
CRC mode = 1, 8 bits: the poly is (0x07) X8+X2+X+1
CRC mode = 2, 16 bits: the poly is (0x8005) X16+X15+X2+1
CRC mode = 3, 16 bits: the poly is (0x1021) X16+X12+X5+1
CRC mode = 4, 24 bits: the poly is (0x864CFB)
X24+X23+X18+X17+X14+X11+X10+X7+X6+X5+X4+X3+X+1
CRC is calculated over all fields excluding preamble and SYNC word.
9.4.3
Data whitening
To prevent short repeating sequences (e.g., runs of 0’s or 1’s) that create spectral lines,
which may complicate symbol tracking at the receiver or interfere with other transmissions,
the device implements a data whitening feature. Data whitening can be optionally enabled
by setting the filed WHIT_EN of the PCKTCTRL1 register to '1'. Data whitening is
implemented by a maximum length LFSR generating a pseudo-random binary sequence
used to XOR data before entering the encoding chain. The length of the LSFR is set to 9
bits. The pseudo-random sequence is initialized to all 1's.
Data whitening, if enabled, is applied on all fields excluding the preamble and the SYNC
words.
Whitening is applied according to the following LFSR implementation:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com