Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 17 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 13Page - STMicroelectronics STS1TX Datasheet HTML 14Page - STMicroelectronics STS1TX Datasheet HTML 15Page - STMicroelectronics STS1TX Datasheet HTML 16Page - STMicroelectronics STS1TX Datasheet HTML 17Page - STMicroelectronics STS1TX Datasheet HTML 18Page - STMicroelectronics STS1TX Datasheet HTML 19Page - STMicroelectronics STS1TX Datasheet HTML 20Page - STMicroelectronics STS1TX Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
DocID025109 Rev 1
17/70
STS1TX
Characteristics
PSPUR,FCC
Unwanted emissions
according to FCC part
15(harmonic included,
using reference design)
RF = 310-320 MHz, harmonics
(measured with max output power)
-
-37
dBm
RF = 310-320 MHz, 1.705 MHz <f<
30 MHz
-<-60
dBm
RF = 310-320 MHz, 30 MHz <f< 88
MHz
-<-60
dBm
RF = 310-320 MHz, 88 MHz <f< 216
MHz
-<-60
dBm
RF = 310-320 MHz, 216 MHz <f<
960 MHz
-<-60
dBm
RF = 310-320 MHz, 960 MHz <f
-
<-60
dBm
RF = 902-928 MHz, 1.705 MHz <f<
30 MHz (@ max output power)
-<-70
dBm
RF = 902-928 MHz, 30 MHz <f< 88
MHz (@ max output power)
-<-70
dBm
RF = 902-928 MHz, 88 MHz <f< 216
MHz (@ max output power)
-<-70
dBm
RF = 902-928 MHz, 216 MHz <f<
960 MHz (@ max output power)
-
-52
dBm
RF = 902-928 MHz, 960 MHz <f (@
max output power)
-
-41
dBm
2nd and 7th harmonics
-
-25
dBc
Table 12. RF transmitter characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com