Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 10 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 6Page - STMicroelectronics STS1TX Datasheet HTML 7Page - STMicroelectronics STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics STS1TX Datasheet HTML 10Page - STMicroelectronics STS1TX Datasheet HTML 11Page - STMicroelectronics STS1TX Datasheet HTML 12Page - STMicroelectronics STS1TX Datasheet HTML 13Page - STMicroelectronics STS1TX Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
Typical application diagram and pin description
STS1TX
10/70
DocID025109 Rev 1
Table 3. BOM for different bands
Ref
design
(1)
170 MHz band
315 MHz band
433 MHz band
868 MHz band
915/922 MHz band
STEVAL-
IKRV001V1
STEVAL-
IKRV001V2
STEVAL-
IKRV001V3
STEVAL-
IKRV001V4
STEVAL-IKRV001V5
Comp. Supplier
Value
Supplier Value Supplier
Value
Supplier
Value
Supplier
Value
C0
Murata
100nF
Murata
100nF
Murata
100nF
Murata
100nF
Murata
100nF
C1
Murata
18pF
Murata
12pF
Murata
8.2pF
NE
Murata
7pF
C2
Murata
27pF
Murata
27pF
Murata
18pF
Murata
8.2pF
Murata
2.4pF
C3
Murata
4.3pF
Murata
15pF
Murata
10pF
Murata
5.6pF
Murata
3.6pF
C8
Murata
390pF
Murata
220pF
Murata
220pF
Murata
220pF
Murata
220pF
C9
Murata
12pF
Murata
12pF
Murata
12pF
Murata
12pF
Murata
12pF
C10
Murata
10pF
Murata
10pF
Murata
10pF
Murata
10pF
Murata
10pF
C11
Murata
1µF
Murata
1µF
Murata
1µF
Murata
470nF
Murata
1µF
C12
Murata
100nF
Murata
100nF
Murata
100nF
Murata
100nF
Murata
100nF
C13
Murata
560pF
Murata
330pF
Murata
330pF
Murata
330pF
Murata
330pF
C14
Murata
220pF
Murata
1.8pF
Murata
1.8pF
Murata
1.2pF
NE
C15
Murata
6.2pF
Murata
1.2pF
NE
NE
NE
L0
Murata
200nH
Murata
220nH
Murata
150nH
Murata
100nH
Murata
100nH
L1
Coilcraft
39nH
Murata
12nH
Murata
8.2nH
Murata
3nH
Murata
3.6nH
L2
Coilcraft
56nH
Murata
12nH
Murata
10nH
0R0
(resistor)
Murata
5.1nH
L3
Murata
3.6pF
(cap.)
Murata
15nH
Murata
10nH
Murata
4.3nH
Tyco
Electronics
0R0
L9
Coilcraft
51nH
Murata
15nH
Murata
6.2nH
Murata
2.7nH
NE
XTAL
NDK
25 MHz
NDK
50
MHz
NDK
50 or 52
MHz
NDK
50 or 52
MHz
NDK
50 or
52
MHz
1. For complete BOM including part numbers, please check the corresponding reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com