Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 24 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 20Page - STMicroelectronics STS1TX Datasheet HTML 21Page - STMicroelectronics STS1TX Datasheet HTML 22Page - STMicroelectronics STS1TX Datasheet HTML 23Page - STMicroelectronics STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics STS1TX Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
Operating modes
STS1TX
24/70
DocID025109 Rev 1
After TX completion, the possible destinations are:
•
TX, if the persistent-TX option is enabled in the PROTOCOL configuration registers
•
PROTOCOL, if some protocol option (e.g. automatic re-transmission) is enabled
•
READY, if TX is completed and no protocol option is in progress.
The SABORT command can always be used in TX state to break any deadlock condition
and the subsequent destination depends on STS1TX programming according to the
description above.
Commands are used in the STS1TX to change the operating mode, to enable/disable
functions, and so on. A command is sent on the SPI interface and may be followed by any
other SPI access without pulling CSn high.
The complete list of commands is reported in Table 19. Note that the command code is the
second byte to be sent on the MOSI pin (the first byte must be 0x80).
The commands are immediately valid after SPI transfer completion (i.e. no need for any
CSn positive edge).
7.1
Reset sequence
The STS1TX includes an automatic power-on reset (POR) circuit which generates an
internal RESETN active (low) level for a time TRESET after the VDD reaches the reset
Table 19. Commands list
Command
code
Command name
Execution state
Description
0x60
TX
READY
Start to transmit
0x62
READY
STANDBY, SLEEP,
LOCK
Go to READY
0x63
STANDBY
READY
Go to STANDBY
0x64
SLEEP
READY
Go to SLEEP
0x66
LOCKTX
READY
Go to LOCK state by using the TX configuration of the
synthesizer
0x67
SABORT
TX
Exit from TX state and go to READY state
0x68
LDC_RELOAD
All
Reload the LDC timer with the value stored in the
LDC_PRESCALER/COUNTER registers
0x69
SEQUENCE_UPDA
TE
All
Reload the packet sequence counter with the value
stored in the PROTOCOL[2] register.
0x6A
AES Enc
All
Start the encryption routine
0x6B
AES Key
All
Start the procedure to compute the key for decryption
0x6C
AES Dec
All
Start decryption using the current key
0x6D
AES KeyDec
All
Compute the key and start decryption
0x70
SRES
All
Reset
0x72
FLUSHTXFIFO
All
Clean the TX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com