Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 1 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 1 Page - STMicroelectronics

  STS1TX Datasheet HTML 1Page - STMicroelectronics STS1TX Datasheet HTML 2Page - STMicroelectronics STS1TX Datasheet HTML 3Page - STMicroelectronics STS1TX Datasheet HTML 4Page - STMicroelectronics STS1TX Datasheet HTML 5Page - STMicroelectronics STS1TX Datasheet HTML 6Page - STMicroelectronics STS1TX Datasheet HTML 7Page - STMicroelectronics STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
This is information on a product in full production.
August 2013
DocID025109 Rev 1
1/70
70
STS1TX
Low data-rate, low power sub-1GHz transmitter
Datasheet
- production data
Features
• Frequency bands: 150-174 MHz, 300-348
MHz, 387-470 MHz, 779-956 MHz
• Modulation schemes: 2-FSK, GFSK, MSK,
GMSK, OOK, and ASK
• Air data rate from 1 to 500 kbps
• Very low power consumption (21 mA TX at +11
dBm)
• Programmable channel spacing (12.5 kHz
min.)
• Programmable output power up to +16 dBm
• Fast startup and frequency synthesizer settling
time (6 µs)
• Integrated temperature sensor
• Battery indicator and low battery detector
• TX FIFO buffer (96 bytes each)
• Configurability via SPI interface
• AES 128-bit encryption co-processor
• Fully integrated ultra low power RC oscillator
• Wakeup on internal timer and on external event
• Flexible packet length with dynamic payload
length
• Automatic CRC handling
• FEC with interleaving
• Whitening of data
• Wireless M-BUS, EN 300 220, FCC CFR47 15
(15.205, 15.209, 15.231, 15.247, 15.249), and
ARIB STD T-67, T93, T-108 compliant
• QFN20 4x4 mm RoHS package
• Operating temperature range from -40 °C to
85 °C
Applications
• AMR (automatic meter reading)
• Home and building automation
• WSN (wireless sensors network)
• Industrial monitoring and control
• Wireless fire and security alarm systems
• Point-to-point wireless link
QFN20
Table 1. Device summary
Order code
Package
Packing
STS1TXQTR
QFN20
Tape and reel
www.st.com


Similar Part No. - STS1TX

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STS1TXQTR STMICROELECTRONICS-STS1TXQTR Datasheet
2Mb / 70P
Low data-rate, low power sub-1GHz transmitter
07-Aug-2013
More results

Similar Description - STS1TX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7823 TI-AMC7823 Datasheet
1Mb / 48P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI-AMC7820 Datasheet
481Kb / 28P
ANALOG MONITORING AND CONTROL
CC1101RTKR TI-CC1101RTKR Datasheet
2Mb / 105P
Wireless alarm and security systems, Industrial monitoring and control
logo
List of Unclassifed Man...
3UG4622-1AW30 ETC2-3UG4622-1AW30 Datasheet
2Mb / 114P
Monitoring and Control Devices
logo
Texas Instruments
AMC7823 TI-AMC7823_15 Datasheet
1Mb / 55P
ANALOG MONITORING AND CONTROL CIRCUIT
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
ANALOG MONITORING AND CONTROL
logo
Analog Devices
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
Control and monitoring
Rev. C
AD5593R AD-AD5593R Datasheet
986Kb / 34P
Control and monitoring
Rev. B
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
Industrial Monitoring And Control
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
Industrial Monitoring And Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com