Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 9 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 5Page - STMicroelectronics STS1TX Datasheet HTML 6Page - STMicroelectronics STS1TX Datasheet HTML 7Page - STMicroelectronics STS1TX Datasheet HTML 8Page - STMicroelectronics STS1TX Datasheet HTML 9Page - STMicroelectronics STS1TX Datasheet HTML 10Page - STMicroelectronics STS1TX Datasheet HTML 11Page - STMicroelectronics STS1TX Datasheet HTML 12Page - STMicroelectronics STS1TX Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
DocID025109 Rev 1
9/70
STS1TX
Typical application diagram and pin description
Figure 3. Application diagram for TX boost mode
Table 2 covers all the frequency bands using a set of different external components as
shown in Table 3: BOM for different bands.
Table 2. Description of the external components of the typical application diagram
Components
Description
C0
Decoupling capacitor for on-chip voltage regulator to digital part
C1, C2, C3, C14, C15 RF LC filter/matching capacitors
C8
Matching DC blocking capacitors
C9, C10
Crystal loading capacitors
C11, C12, C13
SMPS LC filter capacitor
L0
RF choke inductor
L1, L2, L3, L9
RF LC filter/matching inductors
XTAL
24, 26, 48, 52 MHz
1 GPIO_0
SDN 15
SMPS Ext1 14
SMPS Ext2 13
TX 12
GND PA 11
2 SDO
3 SDI
4 SCLK
5 CSn
1.8V - 3.6V power supply
Spirit1 TX
DIE ATTACH PAD:
Antenna
(50
Ω)
STS1TX
GAMS080520131124FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com