Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 27 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 23Page - STMicroelectronics STS1TX Datasheet HTML 24Page - STMicroelectronics STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics STS1TX Datasheet HTML 28Page - STMicroelectronics STS1TX Datasheet HTML 29Page - STMicroelectronics STS1TX Datasheet HTML 30Page - STMicroelectronics STS1TX Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
DocID025109 Rev 1
27/70
STS1TX
Block description
8
Block description
8.1
Power management
The STS1TX integrates a high efficiency step-down converter cascaded with LDOs meant
to supply both analog and digital parts. However, an LDO directly fed by the external battery
provides a controlled voltage to the data interface block.
8.1.1
Switching frequency
The SMPS switching frequency can be provided either by a divider by four or by a
programmable rate multiplier. The divider by four or the rate multiplier is activated when the
EN_RM bit is set to both 0 and 1 in the PM_CONFIG[2:0] register bank. When the rate
multiplier is activated, the divider ratio can be programmed by KRM[14:0] word in the
PM_CONFIG[2:0] register bank. In this case, the SMPS switching frequency is given by the
following formula:
The SMPS runs properly when the bits SET_SMPS_VTUNE and SET_SMPS_PLLBW (see
PM_CONFIG[2:0] register bank) are set according to the programmed switching frequency.
8.2
Power-on-reset (POR)
The power-on-reset circuit generates a reset pulse upon power-up which is used to initialize
the entire digital logic. Power-on-reset senses VBAT voltage.
8.3
Low battery indicator
The battery indicator can provide the user with an indication of the battery voltage level.
There are two blocks to detect battery level:
•
Brownout with a fixed threshold as defined inTable 17: Battery indicator and low battery
detector
•
Battery level detector with a programmable threshold as defined in Table 17: Battery
indicator and low battery detector.
Table 22. SMPS configuration settings
SET_SMPS_PLLBW
SET_SMPS_VTUNE
Switching frequency range
0
0
2.0 MHz - 4.5 MHz
0
1
3.5 MHz - 7.0 MHz
1
0
4.5 MHz - 7.5 MHz
1
1
4.5 MHz - 10 MHz
Fsw
KRM fCLK
⋅
2
15
------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com