Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STS1TX Datasheet(PDF) 29 Page - STMicroelectronics

Part # STS1TX
Description  Industrial monitoring and control
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STS1TX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STS1TX Datasheet HTML 25Page - STMicroelectronics STS1TX Datasheet HTML 26Page - STMicroelectronics STS1TX Datasheet HTML 27Page - STMicroelectronics STS1TX Datasheet HTML 28Page - STMicroelectronics STS1TX Datasheet HTML 29Page - STMicroelectronics STS1TX Datasheet HTML 30Page - STMicroelectronics STS1TX Datasheet HTML 31Page - STMicroelectronics STS1TX Datasheet HTML 32Page - STMicroelectronics STS1TX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 70 page
background image
DocID025109 Rev 1
29/70
STS1TX
Block description
Depending on the RF frequency and channel spacing, a very high accurate crystal or TCXO
may be required.
The RF synthesizer implements fractional sigma delta architecture to allow fast settling and
narrow channel spacing. It is fully integrated and uses a multi-band VCO to cover the whole
frequency range. All internal calibrations are performed automatically.
The PLL output frequency can be configured by programming the SYNT field of the SYNT3,
SYNT2, SYNT1, and SYNT0 registers and BS field of the SYNT0 register. The user must
configure these registers according to the effective reference frequency in use (24 MHz, 26
MHz, 48 MHz, or 52 MHz). In the latter two cases, the user must enable the frequency
divider by 2 for the digital clock, in order to run the digital macro at a lower frequency. The
configuration bit for the digital clock divider is inside the XO_RCO_TEST register (default
case is divider enabled). In addition, the user can also enable a divider by 2 applied to the
reference clock. The configuration bit for the reference clock divider is inside the
SYNTH_CONFIG[1] register. The user must select a 3-bit word in order to set the charge
pump current according to the LO frequency variations, in order to have a constant loop
bandwidth. This can be done by writing the WCP field of the SYNT3 register, according to
the following table:
110
38.5
111
43.0
Table 24. CP word look-up
Channel frequency
WCP [2:0]
145.1
147.1
000
147.1
149.1
001
149.1
151.1
010
151.1
153.2
011
153.2
155.2
100
155.2
157.2
101
157.2
159.2
110
159.2
161.1
111
161.3
163.5
000
163.5
165.7
001
165.7
168.0
010
168.0
170.3
011
170.3
172.5
100
172.5
174.8
101
174.8
177.0
110
177.0
179.3
111
Table 23. Programmability of trans-conductance at startup (continued)
GM_CONF[2:0]
Gm at startup [mS]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com