Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2621 Datasheet (PDF) - Texas Instruments

LM2621 Datasheet PDF - Texas Instruments
Part # LM2621
Download  LM2621 Download
File Size   1242.57 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2621 Low Input Voltage, Step-Up DC-DC Converter

LM2621 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2621 Datasheet PDF - Texas Instruments

Part # LM2621
Download  LM2621 Click to download

File Size   1242.57 Kbytes
Page   22 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2621 Low Input Voltage, Step-Up DC-DC Converter

LM2621 Datasheet (HTML) - Texas Instruments


LM2621 Product details

1 Features
1• Small VSSOP8 Package (Half the Footprint of
Standard 8-Pin SOIC Package)
• 1.09-mm Package Height
• Up to 2-MHz Switching Frequency
• 1.2-V to 14-V Input Voltage
• 1.24-V to 14-V Adjustable Output Voltage
• Up to 1A Load Current
• 0.17-Ω Internal MOSFET
• Up to 90% Regulator Efficiency
• 80-μA Typical Operating Current
• < 2.5-μA Specified Supply Current In Shutdown

2 Applications
• PDAs, Cellular Phones
• 2-Cell and 3-Cell Battery-Operated Equipment
• PCMCIA Cards, Memory Cards
• Flash Memory Programming
• TFT/LCD Applications
• 3.3-V to 5.0-V Conversion
• GPS Devices
• Two-Way Pagers
• Palmtop Computers
• Hand-Held Instruments

3 Description
The LM2621 is a high efficiency, step-up DC-DC
switching regulator for battery-powered and low input
voltage systems. It accepts an input voltage between
1.2 V and 14 V and converts it into a regulated output
voltage. The output voltage can be adjusted between
1.24 V and 14 V. It has an internal 0.17-Ω N-Channel
MOSFET power switch. Efficiencies up to 90% are achievable using the LM2621.
The high switching frequency (adjustable up to 2 MHz) of the LM2621 allows for tiny surface mount
inductors and capacitors. Because of the unique
constant-duty-cycle gated oscillator topology very
high efficiencies are realized over a wide load range. The supply current is reduced to 80 μA because of
the BiCMOS process technology. In the shutdown mode, the supply current is less than 2.5 μA.
The LM2621 is available in a VSSOP-8 package.
This package uses half the board area of a standard
8-pin SOIC and has a height of just 1.09 mm.




Similar Part No. - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Texas Instruments
LM2621 TI-LM2621 Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
More results


Similar Description - LM2621

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
Low Input Voltage, Step-Up DC-DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
Low Input Voltage, Step-Up DC-DC Converter
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
Low Voltage Step-Up DC/DC Converter
logo
Texas Instruments
LM2621MM TI-LM2621MM Datasheet
1Mb / 17P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI-LM2621_15 Datasheet
1Mb / 18P
LM2621 Low Input Voltage, Step-Up DC-DC Converter
LM2621 TI1-LM2621_15 Datasheet
507Kb / 17P
Low Input Voltage, Step-Up DC-DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com