Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2621 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM2621
Description  LM2621 Low Input Voltage, Step-Up DC-DC Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2621 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM2621 Datasheet HTML 4Page - Texas Instruments LM2621 Datasheet HTML 5Page - Texas Instruments LM2621 Datasheet HTML 6Page - Texas Instruments LM2621 Datasheet HTML 7Page - Texas Instruments LM2621 Datasheet HTML 8Page - Texas Instruments LM2621 Datasheet HTML 9Page - Texas Instruments LM2621 Datasheet HTML 10Page - Texas Instruments LM2621 Datasheet HTML 11Page - Texas Instruments LM2621 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LM2621
SNVS033D – MAY 2004 – REVISED NOVEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LM2621 is designed to provide step-up DC-DC voltage regulation in battery-powered and low-input voltage
systems. It combines a step-up switching regulator, N-channel power MOSFET, built-in current limit, thermal
limit, and voltage reference in a single 8-pin VSSOP package Pin Configuration and Functions. The switching
DC-DC regulator boosts an input voltage between 1.2 V and 14 V to a regulated output voltage between 1.24 V
and 14 V. The LM2621 starts from a low 1.1-V input and remains operational down to 0.65 V.
This device is optimized for use in cellular phones and other applications requiring a small size, low profile, as
well as low quiescent current for maximum battery life during stand-by and shutdown. A high-efficiency gated-
oscillator topology offers an output of up to 1 A.
Additional features include a built-in peak switch current limit, and thermal protection circuitry.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Gated Oscillator Control Scheme
A unique gated oscillator control scheme enables the LM2621 to have an ultra-low quiescent current and
provides a high efficiency over a wide load range. The switching frequency of the internal oscillator is
programmable using an external resistor and can be set between 300 kHz and 2 MHz.
This control scheme uses a hysteresis window to regulate the output voltage. When the output voltage is below
the upper threshold of the window, the LM2621 switches continuously with a fixed duty cycle of 70% at the
switching frequency selected by the user. During the first part of each switching cycle, the internal N-channel
MOSFET switch is turned on. This causes the current to ramp up in the inductor and store energy. During the
second part of each switching cycle, the MOSFET is turned off. The voltage across the inductor reverses and
forces current through the diode to the output filter capacitor and the load. Thus when the LM2621 switches
continuously, the output voltage starts to ramp up. When the output voltage hits the upper threshold of the
window, the LM2621 stops switching completely. This causes the output voltage to droop because the energy
stored in the output capacitor is depleted by the load. When the output voltage hits the lower threshold of the
hysteresis window, the LM2621 starts switching continuously again causing the output voltage to ramp up
towards the upper threshold. Figure 12 shows the switch voltage and output voltage waveforms.
Because of this type of control scheme, the quiescent current is inherently very low. At light loads the gated
oscillator control scheme offers a much higher efficiency compared to the conventional PWM control scheme.
8
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LM2621



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com