Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2936 Datasheet (PDF) - Texas Instruments

LM2936 Datasheet PDF - Texas Instruments
Part # LM2936
Download  LM2936 Download
File Size   1167.09 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator

LM2936 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2936 Datasheet PDF - Texas Instruments

Part # LM2936
Download  LM2936 Click to download

File Size   1167.09 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator

LM2936 Datasheet (HTML) - Texas Instruments


LM2936 Product details

1 Features
1• LM2936 Operating VIN range of 5.5 V to 40 V
• LM2936HV Operating V IN range of 5.5 V to 60 V
• Ultra Low Quiescent Current (IQ ≤ 15 μA for
IOUT = 100 μA)
• Fixed 3-V, 3.3-V or 5-V with 50-mA Output
• ±2% Initial Output Tolerance
• ±3% Output Tolerance Over Line, Load, and
Temperature
• Dropout Voltage Typically 200 mV at IOUT = 50 mA
• –24-V Input Voltage Protection
• –50-V Input Transient Protection
• Internal Short Circuit Current Limit
• Internal Thermal Shutdown Protection
• Shutdown Pin Available with LM2936BM Package

2 Applications
• Automotive
• Industrial Controls
• Point of Load

3 Description
The LM2936 ultra-low quiescent current regulator
features low dropout voltage and low current in the
standby mode. With less than 15-μA quiescent
current at a 100-μA load, the LM2936 is ideally suited
for automotive and other battery operated systems.
The LM2936 retains all of the features that are
common to low dropout regulators including a low dropout PNP pass device, short circuit protection,
reverse battery protection, and thermal shutdown.
The LM2936 has a 40-V maximum operating voltage
limit, a −40°C to 125°C operating temperature range,
and ±3% output voltage tolerance over the entire output current, input voltage, and temperature range.
The LM2936 is available in a TO-92 through-hole
package, as well as SOIC-8, VSSOP, SOT–223, and
TO-252 surface mount packages.




Similar Part No. - LM2936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
294Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936 Datasheet
1Mb / 28P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936 TI-LM2936 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
More results


Similar Description - LM2936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936Q TI1-LM2936Q Datasheet
420Kb / 17P
Ultra-Low Quiescent Current LDO Voltage Regulator
SM74501 TI1-SM74501 Datasheet
428Kb / 14P
Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936MP-5.0 TI-LM2936MP-5.0 Datasheet
1Mb / 28P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936HVBMAX33 TI-LM2936HVBMAX33 Datasheet
1Mb / 28P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936Q-Q1 TI-LM2936Q-Q1 Datasheet
1Mb / 23P
LM2936Q Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936 TI-LM2936_15 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Rohm
BD7XXL2EFJ-C ROHM-BD7XXL2EFJ-C Datasheet
1Mb / 33P
Ultra Low Quiescent Current LDO Regulator
19.Nov.2021 Rev.008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com