Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2936 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM2936 Datasheet PDF - National Semiconductor (TI)
Part # LM2936
Download  LM2936 Download
File Size   294.64 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Ultra-Low Quiescent Current 3.0V Regulator

LM2936 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2936 Datasheet PDF - National Semiconductor (TI)

Part # LM2936
Download  LM2936 Click to download

File Size   294.64 Kbytes
Page   10 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Ultra-Low Quiescent Current 3.0V Regulator

LM2936 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM2936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936 NSC-LM2936 Datasheet
853Kb / 15P
Ultra-Low Quiescent Current LDO Voltage Regulator
logo
Texas Instruments
LM2936 TI-LM2936 Datasheet
1Mb / 28P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936 TI-LM2936 Datasheet
1Mb / 34P
Ultra-Low Quiescent Current LDO Voltage Regulator
LM2936 TI2-LM2936 Datasheet
1Mb / 43P
LM2936 Ultra-Low Quiescent Current LDO Voltage Regulator
REVISED DECEMBER 2014
logo
National Semiconductor ...
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
More results


Similar Description - LM2936

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2936-33 NSC-LM2936-33 Datasheet
295Kb / 10P
Ultra-Low Quiescent Current 3.3V Regulator
LM2936-50 NSC-LM2936-50 Datasheet
331Kb / 9P
Ultra-Low Quiescent Current 5V Regulator
LM9036 NSC-LM9036 Datasheet
167Kb / 7P
Ultra-Low Quiescent Current Voltage Regulator
LM2936-5.0 NSC-LM2936-5.0 Datasheet
414Kb / 10P
Ultra-Low Quiescent Current 5V Regulator
LM2936-3.0 NSC-LM2936-3.0 Datasheet
301Kb / 10P
Ultra-Low Quiescent Current 3.0V Regulator
LM9036 NSC-LM9036_08 Datasheet
224Kb / 10P
Ultra-Low Quiescent Current Voltage Regulator
logo
Union Semiconductor, In...
UM15413S UNIONSEMI-UM15413S Datasheet
403Kb / 12P
Ultra Low Quiescent Current Linear Regulator
logo
Texas Instruments
LM9036 TI-LM9036_15 Datasheet
964Kb / 15P
Ultra-Low Quiescent Current Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
Ultra Low Quiescent Current LDO Regulator
01/27/15
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com