Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2936 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2936
Description  Ultra-Low Quiescent Current 3.0V Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2936 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2936 Datasheet HTML 2Page - National Semiconductor (TI) LM2936 Datasheet HTML 3Page - National Semiconductor (TI) LM2936 Datasheet HTML 4Page - National Semiconductor (TI) LM2936 Datasheet HTML 5Page - National Semiconductor (TI) LM2936 Datasheet HTML 6Page - National Semiconductor (TI) LM2936 Datasheet HTML 7Page - National Semiconductor (TI) LM2936 Datasheet HTML 8Page - National Semiconductor (TI) LM2936 Datasheet HTML 9Page - National Semiconductor (TI) LM2936 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Applications Information (Continued)
On the SO-8 package the four ground pins are thermally
connected to the backside of the die. Adding approximately
0.04 square inches of 2 oz. copper pad area to these four
pins will improve the
θ
JA rating to approximately 110˚C/W. If
this extra pad are is placed directly beneath the package
there should not be any impact on board density.
On the TO-252 package the ground tab is thermally con-
nected to the backside of the die. Adding 1 square inch of 2
oz. copper pad area directly under the ground tab will im-
prove the
θ
JA rating to approximately 50˚C/W.
While the LM2936 has an internally set thermal shutdown
point of typically 150˚C, this is intended as a safety feature
only. Continuous operation near the thermal shutdown tem-
perature should be avoided as it may have a negative affect
on the life of the device.
While the LM2936-3.0 will survive input transients to +60V,
output regulation is not guaranteed for input voltages greater
than 40V. The LM2936 will not withstand a output short
circuit with the input above 40V because of safe operating
area limitations in the internal PNP pass device. With input
voltages above 60V the LM2936 will break down with cata-
strophic effects on the regulator and possibly the load as
well. Do not use this device in a design where the input
operating voltage may exceed 40V, or where transients are
likely to exceed 60V.
Shutdown Pin
The LM2936BM has a pin for shutting down the regulator
output. Applying a Logic Level High (>2.0V) to the Shutdown
pin will cause the output to turn off. Leaving the Shutdown
pin open, connecting it to Ground, or applying a Logic Level
Low (<0.6V) will allow the regulator output to turn on.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com