Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3017 Datasheet (PDF) - Texas Instruments

LM3017 Datasheet PDF - Texas Instruments
Part # LM3017
Download  LM3017 Download
File Size   1094.0 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3017 High Efficiency Low-Side Controller With True Shutdown

LM3017 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3017 Datasheet PDF - Texas Instruments

Part # LM3017
Download  LM3017 Click to download

File Size   1094.0 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3017 High Efficiency Low-Side Controller With True Shutdown

LM3017 Datasheet (HTML) - Texas Instruments


LM3017 Product details

1 Features
1• Fully Compliant to Thunderbolt™ Technology
Specifications
• True Shutdown for Short-Circuit Protection
• Input Side Current Limit
• Single Enable Pin With Three Modes of
Operation: Boost, Pass-Through, or Shutdown
• Built-in Charge Pump for High-Side NFET
Disconnect Switch
• 1-A Push-Pull Driver for Low-Side NFET
• Peak Current Mode Control
• Simple Slope Compensation
• Protection Features: Thermal Shutdown, Cycleby-
Cycle Current Limit, Short-Circuit Protection,
Output Overvoltage Protection, and Latch-Off
• Internal Soft Start
• Input Voltage Range: 5 V to 18 V
• 600-kHz Fixed Frequency Operation
• ±1% Reference Voltage Accuracy Over
Temperature
• Low Shutdown Current (< 1 μA), 40 nA Typical
• 2.4 mm × 2.7 mm × 0.8 mm, 10-Pin WQFN
Package

2 Applications
• Thunderbolt™ Technology Host Ports
• Notebook and Desktop Computers, Tablets, and
Other Portable Consumer Electronics
• Hard Disc Drives, Solid-State Drives
• Offline Power Supplies
• Set-Top Boxes

3 Description
The LM3017 device is a versatile low-side NFET
controller incorporating true shutdown and input side
current limiting. The LM3017 is designed for simple
implementation of boost conversions in
Thunderbolt™ Technology. The LM3017 can also be
configured for flyback or SEPIC designs. The input
voltage range of 5 V to 18 V accommodates a two- or
three-cell lithium ion battery or a 12-V rail. The enable
pin accepts a single input to drive three different
modes of operation: boost, pass-through, or
shutdown mode. The LM3017 draws very low current
in shutdown mode, typically 40 nA from the input
supply.
The LM3017 provides an adjustable output to drive
the Power Load Switch or MUX for the host
Thunderbolt™ port. The ability to drive an external
high-side NMOS provides for true isolation of the load
from the input. Current limiting on the input ensures
that inrush and short-circuit currents are always under
control. The LM3017 incorporates built-in thermal
shutdown, cycle-by-cycle current limit, short-circuit
protection, output overvoltage protection, and soft
start. It is available in a 10-pin WQFN package.




Similar Part No. - LM3017

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017 Datasheet
1Mb / 34P
High Efficiency Low-Side Controller with True Shutdown
LM3017LE/NOPB TI-LM3017LE/NOPB Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
LM3017LEX/NOPB TI-LM3017LEX/NOPB Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
More results


Similar Description - LM3017

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8570-MAX8575 MAXIM-MAX8570-MAX8575 Datasheet
654Kb / 10P
High-Efficiency LCD Boost with True Shutdown
Rev 1; 10/04
MAX8743 MAXIM-MAX8743 Datasheet
864Kb / 27P
Dual, High-Efficiency, Step-Down Controller with High Impedance in Shutdown
Rev 0; 6/04
logo
SMSC Corporation
EMC2105 SMSC-EMC2105 Datasheet
1Mb / 90P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
logo
Maxim Integrated Produc...
MAX8570 MAXIM-MAX8570 Datasheet
287Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 2; 8/09
MAX8570 MAXIM-MAX8570_10 Datasheet
252Kb / 11P
High-Efficiency LCD Boost with True Shutdown
Rev 3; 3/10
logo
Texas Instruments
LM3017 TI1-LM3017 Datasheet
362Kb / 13P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_13 Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI1-LM3017_14 Datasheet
1Mb / 34P
High Efficiency Low-Side Controller with True Shutdown
LM3017 TI-LM3017_15 Datasheet
1Mb / 33P
High Efficiency Low-Side Controller with True Shutdown
logo
SMSC Corporation
EMC2105 SMSC-EMC2105_09 Datasheet
1Mb / 89P
RPM-Based High Side Fan Controller with Hardware Thermal Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com