Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3102MH/NOPB Datasheet (PDF) - Texas Instruments

LM3102MH/NOPB Datasheet PDF - Texas Instruments
Part # LM3102MH/NOPB
Download  LM3102MH/NOPB Download
File Size   1137.85 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3102 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator

LM3102MH/NOPB Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3102MH/NOPB Datasheet PDF - Texas Instruments

Part # LM3102MH/NOPB
Download  LM3102MH/NOPB Click to download

File Size   1137.85 Kbytes
Page   32 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3102 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator

LM3102MH/NOPB Datasheet (HTML) - Texas Instruments


LM3102MH/NOPB Product details

1 Features
1• Low Component Count and Small Solution Size
• Stable With Ceramic and Other Low-ESR
Capacitors
• No Loop Compensation Required
• High Efficiency at a Light Load by DCM Operation
• Prebias Start-Up
• Ultra-Fast Transient Response
• Programmable Soft-Start
• Programmable Switching Frequency up to 1 MHz
• Valley Current Limit
• Output Overvoltage Protection
• Precision Internal Reference for an Adjustable
Output Voltage Down to 0.8 V
• Thermal Shutdown
• Key Specifications
– Input Voltage Range 4.5 V to 42 V
– 2.5-A Output Current
– 0.8 V, ±1.5% Reference
– Integrated Dual N-Channel Main and
Synchronous MOSFETs
– Thermally Enhanced HTSSOP-20 Package

2 Applications
• 5-VDC, 12-VDC, 24-VDC, 12-VAC, and 24-VAC
Systems
• Embedded Systems and Industrial Control
• Automotive Telematics and Body Electronics
• Point of Load Regulators
• Storage Systems
• Broadband Infrastructure
• Direct Conversion from 2-, 3-, and 4-Cell Lithium
Batteries Systems

3 Description
The LM3102 Synchronously Rectified Buck Converter
features all required functions to implement a highly
efficient and cost-effective buck regulator. The device
can supply 2.5 A to loads with an output voltage as
low as 0.8 V. Dual N-channel synchronous MOSFET
switches allow a low component count, thus reducing
complexity and minimizing board size.
Different from most other COT regulators, the
LM3102 does not rely on output capacitor ESR for
stability, and is designed to work exceptionally well
with ceramic and other very low-ESR output
capacitors. The device requires no loop
compensation, results in a fast load transient
response and simple circuit implementation. The
operating frequency remains nearly constant with line
variations due to the inverse relationship between the
input voltage and the ON-time. The operating
frequency can be externally programmed up to
1 MHz. Protection features include VCC undervoltage
lockout (UVLO), output overvoltage protection,
thermal shutdown, and gate drive UVLO. The
LM3102 is available in the thermally enhanced
HTSSOP-20 package, and LM3102 is also available
in a DSBGA low-profile chip-scale package with
reduced output current.




Similar Part No. - LM3102MH/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3102MH/NOPB TI-LM3102MH/NOPB Datasheet
1Mb / 30P
LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
More results


Similar Description - LM3102MH/NOPB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5986 STMICROELECTRONICS-L5986 Datasheet
1Mb / 39P
2.5 A step-down switching regulator
28-Aug-2008
logo
Texas Instruments
LM3102 TI-LM3102_15 Datasheet
1Mb / 30P
LM3102/-Q1 SIMPLE SWITCHER짰 Synchronous 1-MHz, 2.5-A Step-Down Voltage Regulator
TPS563201 TI1-TPS563201 Datasheet
1Mb / 25P
Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Texas Instruments
TPS563240 TI1-TPS563240 Datasheet
748Kb / 24P
17-V, 3-A 1.4 MHz Synchronous Step-Down Voltage Regulator
logo
Infineon Technologies A...
TLS4120D0EPV50 INFINEON-TLS4120D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV INFINEON-TLS4125D0EPV Datasheet
3Mb / 43P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV33 INFINEON-TLS4125D0EPV33 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
TLS4125D0EPV50 INFINEON-TLS4125D0EPV50 Datasheet
2Mb / 39P
2.8 MHz synchronous step down regulator
Rev. 1.0 2020-03-20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com