Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339-MIL Datasheet (PDF) - Texas Instruments

LM339-MIL Datasheet PDF - Texas Instruments
Part # LM339-MIL
Download  LM339-MIL Download
File Size   1243.02 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM339-MIL Low-Power Low-Offset Voltage Quad Comparator

LM339-MIL Datasheet (PDF)

Go To PDF Page Download Datasheet
LM339-MIL Datasheet PDF - Texas Instruments

Part # LM339-MIL
Download  LM339-MIL Click to download

File Size   1243.02 Kbytes
Page   24 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM339-MIL Low-Power Low-Offset Voltage Quad Comparator

LM339-MIL Datasheet (HTML) - Texas Instruments


LM339-MIL Product details

1 Features
1• Wide Supply Voltage Range
• 2 to 36 VDC or ±1 to ±18 VDC
• Very-Low Supply Current Drain (0.8 mA) —
Independent of Supply Voltage
• Low Input Biasing Current: 25 nA
• Low Input Offset Current: ±5 nA
• Offset Voltage: ±3 mV
• Input Common-Mode Voltage Range Includes
GND
• Differential Input Voltage Range Equal to the
Power Supply Voltage
• Low Output Saturation Voltage: 250 mV at 4 mA
• Output Voltage Compatible With TTL, DTL, ECL,
MOS, and CMOS Logic Systems
• Advantages:
– High-Precision Comparators
– Reduced VOS Drift Overtemperature
– Eliminates Need for Dual Supplies
– Allows Sensing Near GND
– Compatible With All Forms of Logic
– Power Drain Suitable for Battery Operation

2 Applications
• Limit Comparators
• Simple Analog-to-Digital Converters (ADCs)
• Pulse, Squarewave, and Time Delay Generators
• Wide Range VCO; MOS Clock Timers
• Multivibrators and High-Voltage Digital Logic
Gates

3 Description
The LM339-MIL device consists of four independent
precision voltage comparators with an offset voltage
specification as low as 2 mV maximum for all four
comparators. These comparators were designed
specifically to operate from a single power supply
over a wide range of voltages. Operation from split
power supplies is also possible and the low-power
supply current drain is independent of the magnitude
of the power supply voltage. These comparators also
have a unique characteristic in that the input
common-mode voltage range includes ground, even
though they are operated from a single power supply
voltage.
The LM339-MIL device was designed to directly
interface with TTL and CMOS. When operated from
both plus and minus power supplies, the device
directly interfaces with MOS logic where the lowpower
drain of the LM339-MIL is a distinct advantage
over standard comparators.




Similar Part No. - LM339-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
More results


Similar Description - LM339-MIL

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
Integrated Circuit Low Power Low Offset Voltage Comparator
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
Low power quad voltage comparator
18-Jul-2006
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Texas Instruments
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
First Components Intern...
LM339 FCI-LM339_1 Datasheet
100Kb / 5P
LM339 Quad Voltage Comparator Low Input Bias Current - 25nA(Typ)
logo
Texas Instruments
LM139-N TI1-LM139-N_14 Datasheet
1Mb / 31P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
logo
Diodes Incorporated
AS331 DIODES-AS331 Datasheet
863Kb / 10P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
May 2021 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com