Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet (PDF) - Diodes Incorporated

AS331 Datasheet PDF - Diodes Incorporated
Part # AS331
Download  AS331 Download
File Size   863.6 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR

AS331 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS331 Datasheet PDF - Diodes Incorporated

Part # AS331
Download  AS331 Click to download

File Size   863.6 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR

AS331 Datasheet (HTML) - Diodes Incorporated


AS331 Product details

Features
• Wide Supply Voltage Range
 Single Supply: 2V to 36V
 Dual Supplies: ±1V to ±18V
• Low Supply Current at VCC=5V: 0.4mA
• Low Input Bias Current: 25nA (Typical)
• Low Input Offset Current:5nA (Typical)
• Low Input Offset Voltage: 1mV (Typical)
• Input Common Mode Voltage Range Includes Ground
• Differential Input Voltage Range Equals to the Power Supply Voltage
• Low Output Saturation Voltage at 4mA: 200mV (Typical)
• Open Collector Output
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change control (i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and manufactured in IATF 16949 certified facilities), please contact us or your local Diodes representative.

Applications
• Battery Chargers
• Cordless Telephones
• Switching Power Supplies
• DC-DC Modules
• PC Motherboards
• Communication Equipment




Similar Part No. - AS331

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
JSC ALFA.
AS3310 ALFA-AS3310 Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
AS3310D ALFA-AS3310D Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
logo
BCD Semiconductor Manuf...
AS331KTR-E1 BCDSEMI-AS331KTR-E1 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
More results


Similar Description - AS331

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
Integrated Circuit Low Power Low Offset Voltage Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
New Japan Radio
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com