Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS331 Datasheet(HTML) 4 Page - Diodes Incorporated

  AS331 Datasheet HTML 1Page - Diodes Incorporated AS331 Datasheet HTML 2Page - Diodes Incorporated AS331 Datasheet HTML 3Page - Diodes Incorporated AS331 Datasheet HTML 4Page - Diodes Incorporated AS331 Datasheet HTML 5Page - Diodes Incorporated AS331 Datasheet HTML 6Page - Diodes Incorporated AS331 Datasheet HTML 7Page - Diodes Incorporated AS331 Datasheet HTML 8Page - Diodes Incorporated AS331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AS331
Document number: DS43523 Rev. 2 - 2
4 of 10
www.diodes.com
May 2021
© Diodes Incorporated
AS331
Electrical Characteristics VCC=5V, GND=0V, TA=25°C, unless otherwise specified. Bold typeface applies over TA=-40 to 85°C
(Note 6)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VOS
VOUT=1.4V, VCC=5 to 30V
1
5
mV
7
Input Bias Current
IB
IIN+ or IIN- with output in linear range,
VCM = 0V
25
250
nA
400
Input Offset Current
IIO
IIN+-IIN-, VCM=0V
5
50
nA
200
Input Common Mode Voltage Range
(Note 7)
VCC=30V
0
VCC-1.5
V
Supply Current
ICC
RL=∞
VCC=5V
0.4
1
mA
2
VCC=30V
0.5
1.7
3
Voltage Gain
GV
VCC=15V, RL
≥15kΩ, VOUT=1 to 11V
50
200
V/mV
Large Signal Response Time
VIN=TTL Logic Swing, RL=5.1kΩ
200
ns
Response Time
RL=5.1kΩ
1.3
μA
Output Sink Current
ISINK
VIN-=1V, VIN+=0V, VOUT=1.5V
6
16
mA
Output Leakage Current
ILEAK
VIN-=0V, VIN+=1V, VOUT=5V
0.1
nA
VIN-=0V, VIN+=1V, VOUT=30V
1
μA
Saturation Voltage
VSAT
VIN-=1V, VIN+=0V, ISINK
≤4mA
200
400
mV
500
Notes:
6. These specifications are limited to -40°C
≤TA≤85°C. Limits over temperature are guaranteed by design, but not tested in production.
7. The input common mode voltage of either input signal voltage should not be allowed to go negatively by more than 0.3V (at 25°C). The upper end of the
common mode voltage range is VCC-1.5V (at 25°C), but either or both inputs can go to +36V without damages, independent of the magnitude of the VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com