Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS331 Datasheet(HTML) 1 Page - Diodes Incorporated

  AS331 Datasheet HTML 1Page - Diodes Incorporated AS331 Datasheet HTML 2Page - Diodes Incorporated AS331 Datasheet HTML 3Page - Diodes Incorporated AS331 Datasheet HTML 4Page - Diodes Incorporated AS331 Datasheet HTML 5Page - Diodes Incorporated AS331 Datasheet HTML 6Page - Diodes Incorporated AS331 Datasheet HTML 7Page - Diodes Incorporated AS331 Datasheet HTML 8Page - Diodes Incorporated AS331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AS331
Document number: DS43523 Rev. 2 - 2
1 of 10
www.diodes.com
May 2021
© Diodes Incorporated
AS331
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
Description
The AS331 consists of a single precision voltage comparator with a
typical input offset voltage of 1.0mV and high voltage gain. It is
specifically designed to operate from a single power supply over wide
range of voltages. Operation from split power supply is also possible
and the low power supply current drain is independent of the
magnitude of the power supply voltage.
The AS331 is available in the standard SOT25 package.
Features
Wide Supply Voltage Range
Single Supply: 2V to 36V
Dual Supplies: ±1V to ±18V
Low Supply Current at VCC=5V: 0.4mA
Low Input Bias Current: 25nA (Typical)
Low Input Offset Current:5nA (Typical)
Low Input Offset Voltage: 1mV (Typical)
Input Common Mode Voltage Range Includes Ground
Differential Input Voltage Range Equals to the Power Supply
Voltage
Low Output Saturation Voltage at 4mA: 200mV (Typical)
Open Collector Output
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
Applications
Battery Chargers
Cordless Telephones
Switching Power Supplies
DC-DC Modules
PC Motherboards
Communication Equipment
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
(Top View)


Similar Part No. - AS331

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
JSC ALFA.
AS3310 ALFA-AS3310 Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
AS3310D ALFA-AS3310D Datasheet
442Kb / 3P
ADSR Voltage Controlled Envelope Generator
logo
BCD Semiconductor Manuf...
AS331KTR-E1 BCDSEMI-AS331KTR-E1 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
More results

Similar Description - AS331

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE834 NTE-NTE834 Datasheet
26Kb / 3P
Integrated Circuit Low Power Low Offset Voltage Comparator
NTE943 NTE-NTE943 Datasheet
35Kb / 5P
Integrated Circuit Low Power, Low Offset, Dual Voltage Comparator
logo
New Japan Radio
NJU7108 NJRC-NJU7108 Datasheet
60Kb / 3P
LOW POWER AND LOW OFFSET VOLTAGE SUPER SMALL-SIZED SINGLE C-MOS COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331 Datasheet
221Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
AS331 BCDSEMI-AS331_09 Datasheet
774Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
Unisonic Technologies
UTL331A UTC-UTL331A Datasheet
183Kb / 5P
LOW POWER SINGLE VOLTAGE COMPARATOR
logo
BCD Semiconductor Manuf...
AS331 BCDSEMI-AS331_10 Datasheet
708Kb / 12P
LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
logo
STMicroelectronics
TS391RILT STMICROELECTRONICS-TS391RILT Datasheet
284Kb / 12P
Low-power single voltage comparator
02-Mar-2012
logo
Texas Instruments
LM339-MIL TI1-LM339-MIL Datasheet
1Mb / 23P
Low-Power Low-Offset Voltage Quad Comparator
logo
New Japan Radio
NJM390A NJRC-NJM390A Datasheet
611Kb / 8P
Low power single voltage comparator
Ver.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com