Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS331 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AS331 Datasheet HTML 2Page - Diodes Incorporated AS331 Datasheet HTML 3Page - Diodes Incorporated AS331 Datasheet HTML 4Page - Diodes Incorporated AS331 Datasheet HTML 5Page - Diodes Incorporated AS331 Datasheet HTML 6Page - Diodes Incorporated AS331 Datasheet HTML 7Page - Diodes Incorporated AS331 Datasheet HTML 8Page - Diodes Incorporated AS331 Datasheet HTML 9Page - Diodes Incorporated AS331 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AS331
Document number: DS43523 Rev. 2 - 2
9 of 10
www.diodes.com
May 2021
© Diodes Incorporated
AS331
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT25
SOT25
Dim Min Max Typ
A
0.35 0.50 0.38
B
1.50 1.70 1.60
C
2.70 3.00 2.80
D
-
-
0.95
H
2.90 3.10 3.00
J
0.013 0.10 0.05
K
1.00 1.30 1.10
L
0.35 0.55 0.40
M
0.10 0.20 0.15
N
0.70 0.80 0.75
α
0°
8°
-
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOT25
Dimensions
Value
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
Mechanical Data
•
Moisture Sensitivity: Level 3 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
•
Weight: 0.016 grams (Approximate)
A
M
J
L
D
B C
H
K
N
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com