Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS331 Datasheet(HTML) 3 Page - Diodes Incorporated

  AS331 Datasheet HTML 1Page - Diodes Incorporated AS331 Datasheet HTML 2Page - Diodes Incorporated AS331 Datasheet HTML 3Page - Diodes Incorporated AS331 Datasheet HTML 4Page - Diodes Incorporated AS331 Datasheet HTML 5Page - Diodes Incorporated AS331 Datasheet HTML 6Page - Diodes Incorporated AS331 Datasheet HTML 7Page - Diodes Incorporated AS331 Datasheet HTML 8Page - Diodes Incorporated AS331 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AS331
Document number: DS43523 Rev. 2 - 2
3 of 10
www.diodes.com
May 2021
© Diodes Incorporated
AS331
Functional Block Diagram
Absolute Maximum Ratings (@ TA = +25°C, unless otherwise specified.) (Note 4)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
40
V
Differential Input Voltage
VID
40
V
Input Voltage
VIN
-0.3 to 40
V
Input Current (VIN<-0.3V) (Note 5)
IIN
50
mA
Output Short-circuit Current to Ground
Continuous
Power Dissipation (TA = 25°C)
PD
620
mW
Operating Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-65 to 120
°C
Lead Temperature (Soldering, 10sec)
TLEAD
260
°C
Notes:
4. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied.
Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
5. This input current will only exist when the voltage at any of the input leads is driven negative. It is due to the collector-base junction of the input PNP
transistors becoming forward biased and thereby acting as input diode clamps. In addition to this diode action, there is also lateral NPN parasitic
transistor action on the IC chip. This transistor action can cause the output voltages of the comparators to go to the V+ voltage level (or to ground for a
large overdrive) for the time duration that an input is driven negative. This is not destructive and normal output states will re-establish when the input
voltage, which was negative, again returns to a value greater than -0.3V (at 25°C).
Recommended Operating Conditions (@ TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
2
36
V
TA
Operating Ambient Temperature Range
-40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com