Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS331 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AS331
Description  LOW POWER LOW OFFSET VOLTAGE SINGLE COMPARATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS331 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AS331 Datasheet HTML 2Page - Diodes Incorporated AS331 Datasheet HTML 3Page - Diodes Incorporated AS331 Datasheet HTML 4Page - Diodes Incorporated AS331 Datasheet HTML 5Page - Diodes Incorporated AS331 Datasheet HTML 6Page - Diodes Incorporated AS331 Datasheet HTML 7Page - Diodes Incorporated AS331 Datasheet HTML 8Page - Diodes Incorporated AS331 Datasheet HTML 9Page - Diodes Incorporated AS331 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AS331
Document number: DS43523 Rev. 2 - 2
8 of 10
www.diodes.com
May 2021
© Diodes Incorporated
AS331
Ordering Information
Part Number
Marking ID
Package
Temperature
Range
Packing
Type
AS331KTR-G1
GEA
SOT25
-40 to 85°C
Tape & Reel
Marking Information
X X X
LOGO
XXX : Marking ID
SOT25
G1: Lead-free, Green



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com