Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3445 Datasheet (PDF) - Texas Instruments

LM3445 Datasheet PDF - Texas Instruments
Part # LM3445
Download  LM3445 Download
File Size   1116.25 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3445 TRIAC Dimmable Offline LED Driver

LM3445 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM3445 Datasheet PDF - Texas Instruments

Part # LM3445
Download  LM3445 Click to download

File Size   1116.25 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM3445 TRIAC Dimmable Offline LED Driver

LM3445 Datasheet (HTML) - Texas Instruments


LM3445 Product details

1 Features
1• TRIAC Dim Decoder Circuit for LED Dimming
• Application Voltage Range 80 V AC to 277 VAC
• Capable of Controlling LED Currents Greater
Than 1 A
• Adjustable Switching Frequency
• Low Quiescent Current
• Adaptive Programmable Off-Time Allows for
Constant Ripple Current
• Thermal Shutdown
• No 120-Hz Flicker
• Low Profile 10-Pin VSSOP Package or 14-Pin
SOIC
• Patented Drive Architecture

2 Applications
• Retro Fit TRIAC Dimming
• Solid State Lighting
• Industrial and Commercial Lighting
• Residential Lighting

3 Description
The LM3445 is an adaptive constant off-time AC/DC
buck (step-down) constant current controller designed
to be compatible with TRIAC dimmers. The LM3445
provides a constant current for illuminating high
power LEDs and includes a TRIAC dim decoder. The
dim decoder allows wide range LED dimming using
standard TRIAC dimmers. The high frequency capable architecture allows the use of small external
passive components. The LM3445 includes a bleeder
circuit to ensure proper TRIAC operation by allowing
current flow while the line voltage is low to enable
proper firing of the TRIAC. A passive PFC circuit ensures good power factor by drawing current directly
from the line for most of the cycle, and provides a
constant positive voltage to the buck regulator.
Additional features include thermal shutdown, current
limit and VCC under-voltage lockout.




Similar Part No. - LM3445

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445 Datasheet
2Mb / 18P
230VAC, 6W- 15W Isolated Flyback LED Driver Solid State Lighting
LM3445 NSC-LM3445 Datasheet
825Kb / 10P
A19 Edison Retrofit Evaluation Board Can drive up to 18 series LEDs
logo
Texas Instruments
LM3445 TI-LM3445 Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
More results


Similar Description - LM3445

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
LM3445 NSC-LM3445_10 Datasheet
1Mb / 26P
Triac Dimmable Offline LED Driver
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
TRIAC Dimmable LED Driver IC
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
Triac Dimmable Offline LED Driver
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
Triac Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1696 DIODES-AL1696 Datasheet
395Kb / 14P
HIGHLY INTEGRATION OFFLINE DIMMABLE LED DRIVER
Rev 1
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
TRIAC Dimmable Offline LED Driver
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
AL5892 DIODES-AL5892 Datasheet
657Kb / 11P
OFFLINE DIMMABLE LINEAR LED DRIVER
Rev. 1 - 2 October 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com