Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet (PDF) - Texas Instruments

LM87 Datasheet PDF - Texas Instruments
Part # LM87
Download  LM87 Download
File Size   1165.19 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing

LM87 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM87 Datasheet PDF - Texas Instruments

Part # LM87
Download  LM87 Click to download

File Size   1165.19 Kbytes
Page   45 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing

LM87 Datasheet (HTML) - Texas Instruments


LM87 Product details

1FEATURES
234• Remote diode temperature sensing (2
channels)
• 8 positive voltage inputs with scaling resistors
for monitoring +5 V, +12 V, +3.3 V, +2.5 V,
Vccp power supplies directly
• 2 inputs selectable for fan speed or voltage
monitoring
• 8-bit DAC output for controlling fan speed
• Chassis Intrusion Detector input
• WATCHDOG comparison of all monitored
values
• SMBus™ or I2C Serial Bus interface
compatibility
• VID0-VID4 or IRQ0-IRQ4 monitoring inputs
• On chip temperature sensor

APPLICATIONS
• System Thermal and Hardware Monitoring for
Servers, Workstations and PCs
• Networking and Telecom Equipment
• Office Electronics
• Electronic Test Equipment and
Instrumentation

KEY SPECIFICATIONS
• Voltage Monitoring Error ±2 % (max)
• External Temperature Error ±4 °C (max)
• Internal Temperature Error
– −40 °C to +125 °C ± 3 °C (typ)
• Supply Voltage Range 2.8 to 3.8 V
• Supply Current 0.7 mA (typ)
• ADC and DAC Resolution 8 Bits
• Temperature Resolution 1.0 °C

DESCRIPTION
The LM87 is a highly integrated data acquisition
system for hardware monitoring of servers, Personal
Computers, or virtually any microprocessor-based
system. In a PC, the LM87 can be used to monitor
power supply voltages, motherboard and processor
temperatures, and fan speeds. Actual values for
these inputs can be read at any time. Programmable
WATCHDOG limits in the LM87 activate a fully
programmable and maskable interrupt system with
two outputs (INT# and THERM#).
The LM87 has an on-chip digital output temperature
sensor with 8-bit resolution as well as the capability of
monitoring 2 external diode temperatures to 8-bit
resolution, an 8 channel analog input ADC with 8-bit
resolution and an 8-bit DAC. A channel on the ADC
measures the supply voltage applied to the LM87,
nominally 3.3 V. Two of the ADC inputs can be
redirected to a counter that can measure the speed of
up to 2 fans. A slow speed ΣΔ ADC architecture
allows stable measurement of signals in an extremely
noisy environment. The DAC, with a 0 to 2.5 V output
voltage range, can be used for fan speed control. Additional inputs are provided for Chassis Intrusion
detection circuits, and VID monitor inputs. The VID
monitor inputs can also be used as IRQ inputs if VID
monitoring is not required. The LM87 has a Serial
Bus interface that is compatible with SMBus™ and I2C™.




Similar Part No. - LM87

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
National Semiconductor ...
LM87CIMT NSC-LM87CIMT Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Texas Instruments
LM87CIMT TI1-LM87CIMT Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
LM87CIMT/NOPB TI1-LM87CIMT/NOPB Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
More results


Similar Description - LM87

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM80 NSC-LM80 Datasheet
435Kb / 29P
Serial Interface ACPI-Compatible Microprocessor System Hardware Monitor
LM87 NSC-LM87 Datasheet
470Kb / 32P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
Analog Devices
ADM1024 AD-ADM1024 Datasheet
285Kb / 28P
System Hardware Monitor with Remote Diode Thermal Sensing
REV.0
logo
National Semiconductor ...
LM96080 NSC-LM96080 Datasheet
623Kb / 30P
System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024 Datasheet
315Kb / 29P
System Hardware Monitor with Remote Diode Thermal Sensing
April, 2012 ??Rev. 4
logo
Texas Instruments
AMC80 TI1-AMC80 Datasheet
281Kb / 23P
System Hardware Monitor with Two-Wire/SMBus Serial Interface
LM96080CIMT TI1-LM96080CIMT Datasheet
995Kb / 34P
LM96080 System Hardware Monitor with 2-Wire Serial Interface
logo
ON Semiconductor
NCT80 ONSEMI-NCT80 Datasheet
274Kb / 28P
Hardware Monitor with I2C Serial Interface
July, 2012 ??Rev. 0
logo
Texas Instruments
LM87 TI1-LM87 Datasheet
1Mb / 43P
Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
logo
ON Semiconductor
ADM1024 ONSEMI-ADM1024_16 Datasheet
256Kb / 30P
System Hardware Monitor with Remote Diode Thermal Sensing
January, 2016 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com