Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 3 Page - Texas Instruments

  LM87 Datasheet HTML 1Page - Texas Instruments LM87 Datasheet HTML 2Page - Texas Instruments LM87 Datasheet HTML 3Page - Texas Instruments LM87 Datasheet HTML 4Page - Texas Instruments LM87 Datasheet HTML 5Page - Texas Instruments LM87 Datasheet HTML 6Page - Texas Instruments LM87 Datasheet HTML 7Page - Texas Instruments LM87 Datasheet HTML 8Page - Texas Instruments LM87 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
LM87
www.ti.com
SNAS034J – APRIL 2000 – REVISED MARCH 2013
PIN DESCRIPTIONS(1)
Pin
Pin
Number
Type
Description
Name(s)
Number
of Pins
This pin normally functions as a three-state input that controls the two LSBs of
the Serial Bus Address. When this pin is tied to VCC the two LSBs are 01.
When tied to Ground, the two LSBs are 10. If this pin is not connected, the two
LSBs are 00. This pin also functions as an output during NAND Tree tests
ADD/NTEST_OUT
1
1
Digital I/0
(board-level connectivity testing). To ensure proper NAND tree function, this
pin should not be tied directly to VCC or Ground. Instead, a series 5 kΩ resistor
should be used to allow the test output function to work. Refer to NAND TREE
TESTS on NAND Tree testing.
This pin functions as an open-drain interrupt output for temperature interrupts
THERM#
2
1
Digital I/O
only, or as an interrupt input for fan control. It has an on-chip 100 k
Ω pullup
resistor.
SMBData
3
1
Digital I/O
Serial Bus bidirectional Data. Open-drain output.
SMBCLK
4
1
Digital Input
Serial Bus Clock.
FAN1/AIN1-
Analog/Digital Programmable as analog inputs (0 to 2.5V) or digital Schmitt Trigger fan
5-6
2
FAN2/AIN2
Inputs
tachometer inputs.
An active high input from an external circuit which latches a Chassis Intrusion
event. This line can go high without any clamping action regardless of the
CI
7
1
Digital I/O
powered state of the LM87. There is also an internal open-drain output on this
line, controlled by Bit 7 of the CI Clear Register (46h), to provide a minimum
20 ms pulse.
The system ground pin. Internally connected to all circuitry. The ground
reference for all analog inputs and the DAC output. This pin needs to be
GND
8
1
GROUND
connected to a low noise analog ground plane for optimum performance of the
DAC output.
V+ (+2.8 V to +3.8
+3.3 VV+ power. Bypass with the parallel combination of 10
μF (electrolytic or
9
1
POWER
V)
tantalum) and 0.1
μF (ceramic) bypass capacitors.
Interrupt active low open-drain output. This output is enabled when Bit 1 in the
Configuration Register is set to 1. The default state is disabled. It has an on-
INT# /ALERT#
10
1
Digital Output
chip 100 k
Ω pullup resistor. Alternately used as an active low output to signal
SMBus Alert Response Protocol.
Analog
0 V to +2.5 V amplitude 8-bit DAC output. When forced high on power up by
DACOut/NTEST_IN
11
1
Output/Digital an external voltage the NAND Tree Test mode is enabled which provides
Input
board-level connectivity testing.
Master Reset, 5 mA driver (open-drain), active low output with a 20 ms
minimum pulse width. Available when enabled via Bit 4 in the Configuration
RESET#
12
1
Digital I/O
register. It also acts as an active low power on RESET input. It has an on-chip
100 k
Ω pullup resistor.
Analog input for monitoring the cathode of the first external temperature
D1
−
13
1
Analog Input
sensing diode.
Analog input for monitoring the anode of the first external temperature sensing
D1+
14
1
Analog Input
diode.
+12Vin
15
1
Analog Input
Analog input for monitoring +12 V.
+5Vin
16
1
Analog Input
Analog input for monitoring +5 V.
Digitally programmable analog input for monitoring Vccp2 (0 to 3.6 V input
Vccp2/D2
−
17
1
Analog Input
range) or the cathode of the second external temperature sensing diode.
Digitally programmable analog input for monitoring +2.5 V or the anode of the
+2.5Vin/D2+
18
1
Analog Input
second external temperature sensing diode.
Analog input (0 to 3.6 V input range) for monitoring Vccp1, the core voltage of
Vccp1
19
1
Analog Input
processore 1.
Digitally programmable dual function digital inputs. Can be programmed to
monitor the VID pins of the Pentium/PRO and Pentium II processors, that
VID4/IRQ4-
20-24
5
Digital Inputs
indicate the operating voltage of the processor, or as interrupt inputs. The
VID0/IRQ0
values are read in the VID/Fan Divisor Register and the VID4 Register. These
inputs have on-chip 100 k
Ω pullup resistors.
TOTAL PINS
24
(1)
# Indicates Active Low (“Not”)
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com