Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM87 Datasheet(PDF) 20 Page - Texas Instruments

Part # LM87
Description  LM87 Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM87 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM87 Datasheet HTML 16Page - Texas Instruments LM87 Datasheet HTML 17Page - Texas Instruments LM87 Datasheet HTML 18Page - Texas Instruments LM87 Datasheet HTML 19Page - Texas Instruments LM87 Datasheet HTML 20Page - Texas Instruments LM87 Datasheet HTML 21Page - Texas Instruments LM87 Datasheet HTML 22Page - Texas Instruments LM87 Datasheet HTML 23Page - Texas Instruments LM87 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
LM87
SNAS034J – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Fans do not start reliably at reduced voltages, so operation at a reduced voltage should be preceded by a brief
(typically 1 second) excursion to full operating voltage, then reduce the voltage. Most fans do not operate at all
below 5 to 7 volts. At those lower voltages the fan will simply consume current, dissipate power, and not operate,
and such conditions should be avoided.
The output of the amplifier can be configured to provide a high or low side pass transistor. A high side pass
transistor simplifies the coupling of tachometer outputs to the tachometer inputs of the LM87 since the fan
remains grounded. Low side drive will require AC coupling along with clamping at the LM87 input to prevent
negative excursions.
A typical circuit for fan drive is shown in Figure 16.
TEMPERATURE MEASUREMENT SYSTEM
The LM87 temperature sensor(s) and ADC produce 8-bit two's-complement temperature data. One internal diode
junction temperature, and up to two external junction temperatures can be monitored. A digital comparator
compares the temperature data to the user-programmable High, Low, and Hardware Limit setpoints, and
Hysteresis values.
(Non-Linear Scale for Clarity)
Figure 11. 8-bit Temperature-to-Digital Transfer Function
Temperature Data Format
Temperature data can be read from the Temperature, THIGH setpoint, TLOW setpoint, and Hardware Temperature
limit registers; and written to the THIGH setpoint, TLOW setpoint, and Hardware Temperature limit registers. THIGH
setpoint, TLOW setpoint, Hardware Temperature Limit, and Temperature data is represented by an 8-bit, two's
complement word with an LSB (Least Significant Bit) equal to 1°C:
Temperature
Digital Output
Binary
Hex
+125°C
0111 1101
7Dh
+25°C
0001 1001
19h
+1.0°C
0000 0001
01h
+0°C
0000 0000
00h
−1.0°C
1111 1111
FFh
−25°C
1110 0111
E7h
−40°C
1101 1000
D8h
20
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com