Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet (PDF) - Texas Instruments

LM92 Datasheet PDF - Texas Instruments
Part # LM92
Download  LM92 Download
File Size   1183.69 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface

LM92 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM92 Datasheet PDF - Texas Instruments

Part # LM92
Download  LM92 Click to download

File Size   1183.69 Kbytes
Page   28 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface

LM92 Datasheet (HTML) - Texas Instruments


LM92 Product details

1FEATURES
23• Window Comparison Simplifies Design of
ACPI-Compatible Temperature Monitoring and
Control
• Serial Bus Interface
• Separate Open-Drain Outputs for Interrupt and
Critical Temperature Shutdown
• Shutdown Mode to Minimize Power
Consumption
• Up to Four LM92s can be Connected to a
Single Bus
• 12-Bit + Sign Output
• Operation up to 150°C

APPLICATIONS
• HVAC
• Medical Electronics
• Electronic Test Equipment
• System Thermal Management
• Personal Computers
• Office Electronics
• Automotive

KEY SPECIFICATIONS
• Supply Voltage 2.7V to 5.5V
• Supply Current operating 350 μA (typ) 625 μA
(max) shutdown 5 μA (typ)
• Temperature Accuracy
– 30°C, ±0.33°C (max)
– 10°C to 50°C, ±0.50°C (max)
– −10°C to 85°C, ±1.0°C (max)
– 125°C, ±1.25°C (max)
– −25°C to 150°C, ±1.5°C (max)
• Linearity ±0.5°C (max)
• Resolution 0.0625°C

DESCRIPTION
The LM92 is a digital temperature sensor and thermal
window comparator with an I2 C™ Serial Bus interface
and an accuracy of ±0.33°C. The window-comparator
architecture of the LM92 eases the design of
temperature control systems. The open-drain
Interrupt (INT) output becomes active whenever
temperature goes outside a programmable window,
while a separate Critical Temperature Alarm
(T_CRIT_A) output becomes active when the
temperature exceeds a programmable critical limit.
The INT output can operate in either a comparator or
event mode, while the T_CRIT_A output operates in
comparator mode only.
The host can program both the upper and lower limits
of the window as well as the critical temperature limit.
Programmable Hysteresis as well as a fault queue
are available to minimize false tripping. Two pins (A0,
A1) are available for address selection. The sensor
powers up with default thresholds of 2°C THYST, 10°C
TLOW, 64°C THIGH, and 80°C T_CRIT.
The LM92's 2.7V to 5.5V supply voltage range, Serial
Bus interface, 12-bit + sign output, and full-scale
range of over 128°C make it ideal for a wide range of
applications. These include thermal management and
protection applications in personal computers,
electronic test equipment, office electronics,
automotive, medical and HVAC applications.




Similar Part No. - LM92

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92 TI-LM92 Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM92 TI-LM92 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
List of Unclassifed Man...
LM922 ETC2-LM922 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
More results


Similar Description - LM92

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com