Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM92 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM92
Description  ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM92 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM92 Datasheet HTML 6Page - Texas Instruments LM92 Datasheet HTML 7Page - Texas Instruments LM92 Datasheet HTML 8Page - Texas Instruments LM92 Datasheet HTML 9Page - Texas Instruments LM92 Datasheet HTML 10Page - Texas Instruments LM92 Datasheet HTML 11Page - Texas Instruments LM92 Datasheet HTML 12Page - Texas Instruments LM92 Datasheet HTML 13Page - Texas Instruments LM92 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LM92
SNIS110D – MARCH 2000 – REVISED MARCH 2013
www.ti.com
Note: Event Interrupt mode is drawn as if the user is reading the part. If the user doesn't read, the outputs would go
low and stay that way until the LM92 is read. Comparator Interrupt Mode is drawn as if the user never reads the part.
If the user does read, the outputs will go high once read instruction is executed and, if the fault condition still exists,
go low at the end of the next conversion.
Figure 7. Temperature Response Diagram
TEMPERATURE DATA FORMAT
Temperature data can be read from the Temperature and Set Point registers; and written to the Set Point
registers. Temperature data can be read at any time, although reading faster than the conversion time of the
LM92 will prevent data from being updated. Temperature data is represented by a 13-bit, two's complement word
with an LSB (Least Significant Bit) equal to 0.0625 °C:
Table 2. Temperature Data Output
Temperature
Digital Output
Binary
Hex
+130°C
0 1000 0 010 0000
08 20h
+125 °C
0 0111 1101 0000
07 D0h
+80 °C
0 0101 0000 0000
05 00h
+64 °C
0 0100 0000 0000
04 00h
+25 °C
0 0001 1001 0000
01 90h
+10 °C
0 0000 1010 0000
00 A0h
+2 °C
0 0000 0010 0000
00 20h
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com