Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM833D Datasheet (PDF) - Texas Instruments

LM833D Datasheet PDF - Texas Instruments
Part # LM833D
Download  LM833D Download
File Size   1115.43 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM833 Dual High-Speed Audio Operational Amplifier

LM833D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM833D Datasheet PDF - Texas Instruments

Part # LM833D
Download  LM833D Click to download

File Size   1115.43 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM833 Dual High-Speed Audio Operational Amplifier

LM833D Datasheet (HTML) - Texas Instruments


LM833D Product details

1 Features
1• Dual-Supply Operation: ±5 V to ±18 V
• Low Noise Voltage: 4.5 nV/√Hz
• Low Input Offset Voltage: 0.15 mV
• Low Total Harmonic Distortion: 0.002%
• High Slew Rate: 7 V/μs
• High-Gain Bandwidth Product: 16 MHz
• High Open-Loop AC Gain: 800 at 20 kHz
• Large Output-Voltage Swing: –14.6 V to 14.1 V
• Excellent Gain and Phase Margins
• Available in 8-Terminal MSOP Package
(3.0 mm x 4.9 mm x 0.65 mm)

2 Applications
• HiFi Audio System Equipment
• Preamplification and Filtering
• Set-Top Box
• Microphone Preamplifier Circuit
• General-Purpose Amplifier Applications

3 Description
The LM833 device is a dual operational amplifier with
high-performance specifications for use in quality audio and data-signal applications. Dual amplifiers
are utilized widely in audio circuits optimized for all
preamp and high level stages in PCM and HiFi
systems. The LM833 device is pin-for-pin compatible with industry-standard dual operation amplifiers. With
addition of a preamplifier, the gain of the power stage
can be greatly reduced to improve performance.




Similar Part No. - LM833D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM833D MOTOROLA-LM833D Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM833D ONSEMI-LM833D Datasheet
133Kb / 8P
DUAL OPERATIONAL AMPLIFIER
Rev 0
LM833D ONSEMI-LM833D Datasheet
100Kb / 8P
Low Noise, Audio Dual Operational Amplifier
December, 2005 ??Rev. 5
logo
STMicroelectronics
LM833D STMICROELECTRONICS-LM833D Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
More results


Similar Description - LM833D

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-271 AD-OP-271 Datasheet
411Kb / 10P
HIGH SPEED, DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271 Datasheet
411Kb / 10P
HIGH SPEED DUAL OPERATIONAL AMPLIFIER
OP271 AD-OP271_02 Datasheet
270Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
RC4560 TI-RC4560_08 Datasheet
364Kb / 11P
DUAL AUDIO OPERATIONAL AMPLIFIER
LM833-N TI1-LM833-N_13 Datasheet
1Mb / 24P
LM833-N Dual Audio Operational Amplifier
LM833P TI1-LM833P Datasheet
954Kb / 26P
DUAL HIGH-SPEED AUDIO OPERATIONAL AMPLIFIER
logo
Analog Devices
OP271 AD-OP271_15 Datasheet
869Kb / 12P
High-Speed, Dual Operational Amplifier
REV. A
logo
Texas Instruments
LM833 TI1-LM833 Datasheet
1Mb / 33P
Dual High-Speed Audio Operational Amplifier
RC4580 TI1-RC4580 Datasheet
1Mb / 25P
Dual Audio Operational Amplifier
logo
New Japan Radio
NJM4582 NJRC-NJM4582 Datasheet
157Kb / 5P
AUDIO DUAL OPERATIONAL AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com