Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM385-1.2 Datasheet (PDF) - Texas Instruments

LM385-1.2 Datasheet PDF - Texas Instruments
Part # LM385-1.2
Download  LM385-1.2 Download
File Size   1188.27 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx85-1.2, LM385B-1.2 Micropower Voltage References

LM385-1.2 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM385-1.2 Datasheet PDF - Texas Instruments

Part # LM385-1.2
Download  LM385-1.2 Click to download

File Size   1188.27 Kbytes
Page   26 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LMx85-1.2, LM385B-1.2 Micropower Voltage References

LM385-1.2 Datasheet (HTML) - Texas Instruments


LM385-1.2 Product details

1 Features
1• Operating Current Range
– LM285-1.2: 10 μA to 20 mA
– LM385-1.2: 15 μA to 20 mA
– LM385B-1.2: 15 μA to 20 mA band•
1% and 2% Initial Voltage Tolerance
• Reference Impedance
– LM385-1.2: 1 Ω MAX at 25°C
– All devices: 1.5 Ω MAX over Full
Temperature Range
• Very Low Power Consumption
• Interchangeable with Industry Standard
LM285-1.2 and LM385-1.2

2 Applications
• Portable Meter References
• Portable Test Instruments
• Battery-Operated Systems
• Current-Loop Instrumentation
• Panel Meters

3 Description
These micropower, two-terminal, band-gap voltage
references operate over a 10-μA to 20-mA current range and feature exceptionally low dynamic
impedance and good temperature stability. On-chip
trimming provides tight voltage tolerance. The band•
gap reference for these devices has low noise and long-term stability.
The design makes these devices exceptionally tolerant of capacitive loading and, thus, easier to use
in most reference applications. The wide dynamic
operating temperature range accommodates varying
current supplies, with excellent regulation.
The extremely low power drain of this series makes
them useful for micropower circuitry. These voltage
references can be used to make portable meters,
regulators, or general-purpose analog circuitry, with
battery life approaching shelf life. The wide operating
current range allows them to replace older references
with tighter-tolerance parts.




Similar Part No. - LM385-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM385-1.2 TI-LM385-1.2 Datasheet
307Kb / 15P
MICROPOWER VOLTAGE REFERENCES
logo
National Semiconductor ...
LM385-1.2 NSC-LM385-1.2 Datasheet
698Kb / 11P
Micropower Voltage Reference Diode
LM385-1.2 NSC-LM385-1.2 Datasheet
293Kb / 10P
Micropower Voltage Reference Diode
logo
Linear Technology
LM385-1.2 LINER-LM385-1.2 Datasheet
147Kb / 8P
Micropower Voltage Reference
LM385-1.2 LINER-LM385-1.2 Datasheet
153Kb / 8P
Micropower Voltage Reference
More results


Similar Description - LM385-1.2

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LM385 MICROSEMI-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
List of Unclassifed Man...
LM385 ETC-LM385 Datasheet
154Kb / 7P
1.2 & 2.5V MICROPOWER VOLTAGE REFERENCE
logo
Analog Devices
AD1580 AD-AD1580 Datasheet
368Kb / 12P
1.2 V Micropower, Precision
Rev. F
logo
Texas Instruments
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N_13 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
logo
Analog Devices
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com