Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26420 Datasheet (PDF) - Texas Instruments

LM26420 Datasheet PDF - Texas Instruments
Part # LM26420
Download  LM26420 Download
File Size   1239.19 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26420 Dual 2-A, High-Efficiency Synchronous DC/DC Converter

LM26420 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26420 Datasheet PDF - Texas Instruments

Part # LM26420
Download  LM26420 Click to download

File Size   1239.19 Kbytes
Page   48 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM26420 Dual 2-A, High-Efficiency Synchronous DC/DC Converter

LM26420 Datasheet (HTML) - Texas Instruments


LM26420 Product details

1 Features
1• Compliant with CISPR25 Class 5 Conducted
Emissions
• Input Voltage Range of 3 V to 5.5 V
• Output Voltage Range of 0.8 V to 4.5 V
• 2-A Output Current per Regulator
• High Switching Frequency: 2.2 MHz (LM26420X)
0.55 MHz (LM26420Y)
• 0.8 V, 1.5% Internal Voltage Reference
• Internal Soft Start
• Independent Power Good and Precision Enable
for Each Output
• Current Mode, PWM Operation
• Thermal Shutdown
• Overvoltage Protection
• Start-up into Prebiased Output Loads
• Regulators are 180° Out of Phase
• Create a Custom Design Using the LM26420 With
the WEBENCH® Power Designer

2 Applications
• Local 5 V to Vcore of FPGAs
• Core Power in HDDs and Set-Top Boxes
• USB Powered Devices
• Powering Core and I/O Voltages for CPUs and
ASICs

3 Description
The LM26420 regulator is a monolithic, highefficiency
dual PWM step-down DC/DC converter.
This device has the ability to drive two 2-A loads with
an internal 75-mΩ PMOS top switch and an internal
50-mΩ NMOS bottom switch using state-of-the-art
BICMOS technology results in the best power density
available. The world-class control circuitry allow on
times as low as 30 ns, thus supporting exceptionally
high-frequency conversion over the entire 3-V to 5.5-
V input operating range down to the minimum output
voltage of 0.8 V.
Although the operating frequency is high, efficiencies
up to 93% are easy to achieve. External shutdown is
included, featuring an ultra-low standby current. The
LM26420 utilizes current-mode control and internal
compensation to provide high performance regulation
over a wide range of operating conditions.




Similar Part No. - LM26420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420 TI1-LM26420 Datasheet
1Mb / 47P
Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI1-LM26420-Q0 Datasheet
1Mb / 47P
Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q1 TI-LM26420-Q1 Datasheet
1Mb / 44P
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results


Similar Description - LM26420

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
High Efficiency Synchronous DC/DC Buck Converter
logo
Texas Instruments
LM26420 TI-LM26420_15 Datasheet
1Mb / 44P
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
High Efficiency Synchronous DC/DC Buck Converter
logo
Texas Instruments
LM26420 TI1-LM26420_16 Datasheet
1Mb / 47P
Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 3
logo
Semtech Corporation
TS33010 SEMTECH-TS33010 Datasheet
463Kb / 14P
High Efficiency Synchronous 500mA DC/DC Buck Converter, 2 . 2 5Mhz
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
Shenzhen Huazhimei Semi...
HM6384 HMSEMI-HM6384 Datasheet
818Kb / 7P
high efficiency PFM synchronous boost DC-DC converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com