Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM26420 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM26420 Datasheet PDF - National Semiconductor (TI)
Part # LM26420
Download  LM26420 Download
File Size   635.96 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator

LM26420 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM26420 Datasheet PDF - National Semiconductor (TI)

Part # LM26420
Download  LM26420 Click to download

File Size   635.96 Kbytes
Page   28 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator

LM26420 Datasheet (HTML) - National Semiconductor (TI)




Similar Part No. - LM26420

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM26420 TI1-LM26420 Datasheet
1Mb / 47P
Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420 TI2-LM26420 Datasheet
1Mb / 48P
LM26420 Dual 2-A, High-Efficiency Synchronous DC/DC Converter
REVISED MAY 2018
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI1-LM26420-Q0 Datasheet
1Mb / 47P
Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q1 TI-LM26420-Q1 Datasheet
1Mb / 44P
LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results


Similar Description - LM26420

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2832 NSC-LM2832 Datasheet
893Kb / 27P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2238 MICREL-MIC2238 Datasheet
786Kb / 16P
Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
logo
Semtech Corporation
SC197 SEMTECH-SC197 Datasheet
1Mb / 20P
3.5MHz, 500mA Synchronous Dual Step-Down DC-DC Regulator
logo
BCD Semiconductor Manuf...
AP3431 BCDSEMI-AP3431 Datasheet
1Mb / 19P
1.0MHz, 2.0A, Synchronous Step Down DC-DC Converter
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Texas Instruments
LM2832 TI1-LM2832_14 Datasheet
1Mb / 33P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Texas Instruments
LM2832 TI1-LM2832 Datasheet
1Mb / 34P
High Frequency 2.0A Load - Step-Down DC-DC Regulator
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com