Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM34914 Datasheet (PDF) - Texas Instruments

LM34914 Datasheet PDF - Texas Instruments
Part # LM34914
Download  LM34914 Download
File Size   1122.76 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM34914 Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit

LM34914 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM34914 Datasheet PDF - Texas Instruments

Part # LM34914
Download  LM34914 Click to download

File Size   1122.76 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM34914 Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit

LM34914 Datasheet (HTML) - Texas Instruments


LM34914 Product details

1FEATURES
2• Input Voltage Range: 8V to 40V
• Integrated N-Channel Buck Switch
• Valley Current Limit Varies with VIN and VOUT
to Reduce Excessive Inductor Current
• On-time is Reduced when in Current Limit
• Integrated Start-Up Regulator
• No Loop Compensation Required
• Ultra-Fast Transient Response
• Maximum Switching Frequency: 1.3 MHz
• Operating Frequency Remains Nearly
Constant with Load Current and Input Voltage
Variations
• Programmable Soft-Start
• Precision Internal Reference
• Adjustable Output Voltage
• Thermal Shutdown

underTYPICAL
APPLICATIONS
• High Efficiency Point-Of-Load (POL) Regulator
• Non-Isolated Buck Regulator
• Secondary High Voltage Post Regulator

DESCRIPTION
The LM34914 Step-Down Switching Regulator
features all the functions needed to implement a low
cost, efficient, buck bias regulator capable of
supplying at least 1.25A to the load. To reduce
excessive switch current due to the possibility of a
saturating inductor the valley current limit threshold
changes with input and output voltages, and the on-
time is reduced when current limit is detected. This
buck regulator contains a 44V N-Channel Buck
Switch, and is available in the thermally enhanced 3
mm x 3 mm WSON-10 package. The feedback regulation scheme requires no loop compensation,
results in fast load transient response, and simplifies
circuit implementation. The operating frequency
remains constant with line and load variations due to
the inverse relationship between the input voltage
and the on-time. The valley current limit results in a
smooth transition from constant voltage to constant
current mode when current limit is detected, reducing
the frequency and output voltage, without the use of
foldback. Additional features include: VCC underTYPICAL
voltage lock-out, thermal shutdown, gate drive undervoltage
lock-out, and maximum duty cycle limit.

Package
• WSON-10 (3 mm x 3mm)
• Exposed Thermal Pad For Improved Heat
Dissipation




Similar Part No. - LM34914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914 TI1-LM34914 Datasheet
838Kb / 21P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34914 TI-LM34914 Datasheet
1Mb / 24P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
National Semiconductor ...
LM34914SD NSC-LM34914SD	 Datasheet
328Kb / 14P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
logo
Texas Instruments
LM34914SD/NOPB TI-LM34914SD/NOPB Datasheet
1Mb / 24P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
More results


Similar Description - LM34914

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM34914 NSC-LM34914 Datasheet
328Kb / 14P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34917A NSC-LM34917A Datasheet
554Kb / 16P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
LM34930 NSC-LM34930 Datasheet
371Kb / 18P
Ultra Small 33V, 1A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Monolithic Power System...
MP28127 MPS-MP28127 Datasheet
420Kb / 9P
1.25A, 5.5V Synchronous Step-Down Switching Regulator
logo
Texas Instruments
LM34914 TI1-LM34914_14 Datasheet
838Kb / 21P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34917A TI1-LM34917A_14 Datasheet
919Kb / 21P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
logo
Linear Technology
LT3663 LINER-LT3663_15 Datasheet
352Kb / 16P
1.2A Step-Down Switching Regulator with Output Current Limit
logo
Texas Instruments
LM34910C TI-LM34910C_15 Datasheet
848Kb / 19P
High Voltage (50V, 1.25A) Step Down Switching Regulator
LM34914 TI-LM34914_15 Datasheet
1Mb / 24P
Ultra Small 1.25A Step-Down Switching Regulator with Intelligent Current Limit
LM34917A TI-LM34917A_15 Datasheet
967Kb / 22P
Ultra Small 33V, 1.25A Constant On-Time Buck Switching Regulator with Intelligent Current Limit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com