Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5032 Datasheet (PDF) - Texas Instruments

LM5032 Datasheet PDF - Texas Instruments
Part # LM5032
Download  LM5032 Download
File Size   1171.62 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5032 High-Voltage Dual Interleaved Current Mode Controller

LM5032 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5032 Datasheet PDF - Texas Instruments

Part # LM5032
Download  LM5032 Click to download

File Size   1171.62 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM5032 High-Voltage Dual Interleaved Current Mode Controller

LM5032 Datasheet (HTML) - Texas Instruments


LM5032 Product details

1 Features
1• Two Independent PWM Current Mode Controllers
• Integrated High-Voltage Startup Regulator
• Compound 2.5-A Main Output Gate Drivers
• Single Resistor Oscillator Setting to 2 MHz
• Synchronizable Oscillator
• Programmable Maximum Duty Cycle
• Maximum Duty Cycle Fold-Back at High-Line
Voltage
• Adjustable Timer for Hiccup Mode Current
Limiting
• Integrated Slope Compensation
• Adjustable Line Undervoltage Lockout
• Independently Adjustable Soft-Start (Each
Regulator)
• Direct Interface with Opto-Coupler Transistor
• Thermal Shutdown
• TSSOP 16-Pin Package

2 Applications
• Telecommunication Power Converters
• Industrial Power Converters
• 42-V Automotive Systems

3 Description
The LM5032 dual current mode PWM controller
contains all the features needed to control either two independent forward dc/dc converters or a single high
current converter comprised of two interleaved power
stages. The two controller channels operate 180° out
of phase thereby reducing input ripple current. The LM5032 includes a startup regulator that operates
over a wide input range up to 100 V and compound
(bipolar + CMOS) gate drivers that provide a robust
2.5-A peak sink current. The adjustable maximum
PWM duty cycle reduce stress on the primary side
MOSFET switches. Additional features include programmable line undervoltage lockout, cycle-by-
cycle current limit, hiccup mode fault operation with
adjustable response time, PWM slope compensation,
soft-start, and a 2-MHz capable oscillator with
synchronization capability.




Similar Part No. - LM5032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
logo
Texas Instruments
LM5032 TI1-LM5032 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5032 TI-LM5032 Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
logo
National Semiconductor ...
LM5032MTC NSC-LM5032MTC Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
logo
Texas Instruments
LM5032MTC/NOPB TI-LM5032MTC/NOPB Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
More results


Similar Description - LM5032

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5034 NSC-LM5034 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
LM5032 NSC-LM5032 Datasheet
951Kb / 22P
High Voltage Dual Interleaved Current Mode Controller
logo
Supertex, Inc
HV9112 SUTEX-HV9112_07 Datasheet
705Kb / 8P
High-Voltage Current-Mode PWM Controller
logo
Fairchild Semiconductor
FAN9612M FAIRCHILD-FAN9612M Datasheet
1Mb / 37P
Interleaved Dual BCM PFC Controller
logo
Texas Instruments
LM5032 TI1-LM5032_14 Datasheet
1Mb / 29P
High Voltage Dual Interleaved Current Mode Controller
LM5034 TI1-LM5034_14 Datasheet
1Mb / 35P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Supertex, Inc
HV9120NG-G SUTEX-HV9120NG-G Datasheet
960Kb / 11P
High-Voltage, Current-Mode PWM Controller
logo
Texas Instruments
LM5032 TI-LM5032_15 Datasheet
1Mb / 34P
High-Voltage Dual Interleaved Current Mode Controller
LM5034 TI-LM5034_15 Datasheet
1Mb / 36P
High Voltage Dual Interleaved Current Mode Controller with Active Clamp
logo
Microchip Technology
HV9120 MICROCHIP-HV9120 Datasheet
476Kb / 18P
High-Voltage, Current-Mode, PWM Controller
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com