Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5032 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5032
Description  LM5032 High-Voltage Dual Interleaved Current Mode Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5032 Datasheet(HTML) 4 Page - Texas Instruments

  LM5032 Datasheet HTML 1Page - Texas Instruments LM5032 Datasheet HTML 2Page - Texas Instruments LM5032 Datasheet HTML 3Page - Texas Instruments LM5032 Datasheet HTML 4Page - Texas Instruments LM5032 Datasheet HTML 5Page - Texas Instruments LM5032 Datasheet HTML 6Page - Texas Instruments LM5032 Datasheet HTML 7Page - Texas Instruments LM5032 Datasheet HTML 8Page - Texas Instruments LM5032 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
LM5032
SNVS344B – MARCH 2005 – REVISED DECEMBER 2014
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
APPLICATIONS INFORMATION
NO.
NAME
12
SS2
I
Soft-start, Controller 2
An internal 50-µA current source charges an external capacitor to
set the soft-start rate. During a current limit restart sequence, the
internal current source is reduced to 1 µA to increase the delay
before retry. Forcing SS2 below 0.5 V shuts off Controller 2.
13
CS2
I
Current Sense Input, Controller 2
Input for current mode control and the current limit sensing. If the
CS2 pin exceeds 0.5 V the OUT2 pulse is terminated producing
cycle-by-cycle current limiting. External resistance connected to CS2
will adjust (increase) PWM slope compensation. This pin's voltage
must not exceed 1.25V.
14
COMP2
I
PWM Control, Controller 2
The COMP2 input provides voltage feedback to the PWM
comparator inverting input of Controller 2 through a 3:1 divider. The
OUT2 duty cycle increases as the COMP2 voltage increases. An
internal 5k
Ω pull-up resistor to 5.0 V provides bias current to the
opto-coupler transistor.
15
DCL
I
Duty Cycle Limit
An external resistor sets the maximum allowed duty cycle at OUT1
and OUT2.
16
RT/SYNC
I
Oscillator Adjust and Synchronizing
An external resistor sets the oscillator frequency. This pin also
input
accepts ac-coupled synchronization pulses from an external source.
6 Specifications
6.1 Absolute Maximum Ratings
(1) (2)
MIN
MAX
UNIT
VIN to GND
–0.3
105
V
VCC to GND
–0.3
16
V
RT/SYNC, RES and DCL to GND
–0.3
5.5
V
CS Pins to GND
–0.3
1.25
V
All other inputs to GND
–0.3
7
V
Junction temperature
150
°C
Lead Temperature (Soldering 4 sec),(3)
260
°C
Storage temperature, Tstg
–55
150
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Recommended Operating Conditions are
conditions under which operation of the device is intended to be functional. For specifications and test conditions, see the Electrical
Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For detailed information on soldering plastic TSSOP packages, refer to the Packaging Data Book available from Texas Instruments.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VIN Voltage
13
100
V
External Voltage Applied to VCC
8
15
V
Operating Junction Temperature
–40
125
°C
4
Submit Documentation Feedback
Copyright © 2005–2014, Texas Instruments Incorporated
Product Folder Links: LM5032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com