Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM96194 Datasheet (PDF) - Texas Instruments

LM96194 Datasheet PDF - Texas Instruments
Part # LM96194
Download  LM96194 Download
File Size   1156.62 Kbytes
Page   104 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96194 TruTherm™ Hardware Monitor with PI Fan Control for Workstation Management

LM96194 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM96194 Datasheet PDF - Texas Instruments

Part # LM96194
Download  LM96194 Click to download

File Size   1156.62 Kbytes
Page   104 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM96194 TruTherm™ Hardware Monitor with PI Fan Control for Workstation Management

LM96194 Datasheet (HTML) - Texas Instruments


LM96194 Product details

1FEATURES
2345• ΣΔ ADC Architecture
• Monitors 9 Power Supplies
• Monitors 4 Remote Thermal Diodes and 2
LM60
• New TruTherm Technology Support for
Precision Thermal Diode Measurements
• Internal Ambient Temperature Sensing
• Programmable Autonomous Fan Control
Based on Temperature Readings with Fan Boost Support
• Fan Boost Support on Tachometer Limit Error
Event
• Fan Control Based on 13-step Lookup Table or
PI Control Loop or Combination of Both
• PI Fan Control Loop Supports Tcontrol
• Temperature Reading Digital Filters
• 0.5°C Digital Temperature Sensor Resolution
• 0.0625°C Filtered Temperature Resolution for
Fan Control
• 2 PWM Fan Speed Control Outputs
• 4 Fan Tachometer Inputs
• Processor Thermal Throttling (PROCHOT)
Monitoring
• Dynamic VID Monitoring (6/7 VIDs per
processor) Supports VRD10.2/11
• 8 General Purpose I/Os:
– 4 Can be Configured as Fan Tachometer
Inputs
– 2 Can be Configured to Connect to
Processor THERMTRIP
– 2 are Standard GPIOs that Could be Used subto
Monitor IERR Signal
• A General Purpose Inputs That can be Used to
Monitor the 7th VID Signal for VRD11
• Limit Register Comparisons of all Monitored
Values
• 2-wire Serial Digital Interface, SMBus 2.0
Compliant
– Supports Byte/block Read and Write
– Selectable Slave Address (Tri-level Pin
Selects 1 of 3 Possible Addresses)
– ALERT Output Supports Interrupt or
Comparator Modes
• WQFN-48 Package
• XOR-tree Test Mode

APPLICATIONS
• Servers
• Workstations
• Processor based equipment

KEY SPECIFICATIONS
• Voltage Measurement Accuracy: ±2% FS (max)
• Temperature Resolution: 9-bits, 0.5°C
• Temperature Sensor Accuracy: ±2.5 °C (max)
• Temperature Range:
– LM96194 Operational: -40°C to +85°C
– Remote Temp Accuracy: -40°C to +125°C
• Power Supply Voltage: +3.0V to +3.6V
• Power Supply Current: 1.6 mA

DESCRIPTION
The LM96194 hardware monitor has a two wire digital
interface compatible with SMBus 2.0. Using a ΣΔ
ADC, the LM96194 measures the temperature of four
remote diode connected transistors as well as its own
die and 9 power supply voltages. The LM96194 has
new TruTherm technology that supports precision
thermal diode measurements of processors on subto
micron processes.




Similar Part No. - LM96194

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
National Semiconductor ...
LM96194CISQ NSC-LM96194CISQ Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM96194CISQ/NOPB TI1-LM96194CISQ/NOPB Datasheet
1Mb / 102P
TruTherm Hardware Monitor
logo
National Semiconductor ...
LM96194CISQX NSC-LM96194CISQX Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
More results


Similar Description - LM96194

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
Hardware Monitor with Integrated Fan Control
LM93 NSC-LM93 Datasheet
654Kb / 92P
Hardware Monitor with Integrated Fan Control for Server Management
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
Hardware Monitor with Integrated Fan Control
LM94 NSC-LM94 Datasheet
697Kb / 24P
TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
Hardware Monitor with Integrated Fan Control for Server Management
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
Hardware Monitor with PI Loop Fan Control for Server Management
LM96194 TI1-LM96194 Datasheet
1Mb / 102P
TruTherm Hardware Monitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com